Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

026 Datasheet (PDF) - CTS Corporation

026 Datasheet PDF - CTS Corporation
Part # 026
Download  026 Download
File Size   822.23 Kbytes
Page   4 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors

026 Datasheet (PDF)

Go To PDF Page Download Datasheet
026 Datasheet PDF - CTS Corporation

Part # 026
Download  026 Click to download

File Size   822.23 Kbytes
Page   4 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors

026 Datasheet (HTML) - CTS Corporation




Similar Part No. - 026

ManufacturerPart #DatasheetDescription
logo
Pro-Power
026 PROPOWER-026 Datasheet
91Kb / 1P
Wires
02/06/12 V1.1
026 PROPOWER-026 Datasheet
120Kb / 1P
Switchgear Wire Type BU
24/01/13 V1.0
logo
Keysight Technologies
026 KEYSIGHT-026 Datasheet
757Kb / 10P
AC Power Source/Analyzers, 375-1750 VA An integrated AC power solution
October 2, 2017
logo
Multicomp Pro
026-0208 MULTICOMP-026-0208 Datasheet
155Kb / 1P
IC Storage Boxes
23/09/22 V1.0
026-0209 MULTICOMP-026-0209 Datasheet
155Kb / 1P
IC Storage Boxes
23/09/22 V1.0
More results


Similar Description - 026

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450 CTS-450 Datasheet
65Kb / 2P
Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
logo
Bi technologies
BR10KT1L.5XX BITECH-BR10KT1L.5XX Datasheet
88Kb / 3P
3-5/16 Diameter Multiturn Wirewound Precision Potentiometer
logo
CTS Corporation
295 CTS-295 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
118GA332R103B1 CTS-118GA332R103B1 Datasheet
547Kb / 2P
Commercial 3/4inch (19.1mm) Diameter, 2-Watt, Wirewound Variable Resisters
115GP300C103B1 CTS-115GP300C103B1 Datasheet
806Kb / 3P
Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
logo
TOCOSAMERICA, INC.
RV24 TOCOS-RV24 Datasheet
711Kb / 7P
24mm Diameter, Single-Turn, Carbon Industrial Panel Controls
logo
Ohmite Mfg. Co.
RWSERIES OHMITE-RWSERIES Datasheet
224Kb / 2P
High Power SMD Wirewound Resistors 5 and 7 watt
logo
CTS Corporation
026T220R103B1A1 CTS-026T220R103B1A1 Datasheet
2Mb / 4P
Industrial 24mm Diameter 5 Watt, Wirewound Rotary Potentiometer
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com