Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48413TL/NOPB Datasheet (PDF) - Texas Instruments

LM48413TL/NOPB Datasheet PDF - Texas Instruments
Part # LM48413TL/NOPB
Download  LM48413TL/NOPB Download
File Size   876.46 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48413 Boomer™ Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier with E2S and Texas Instruments 3D Enhancement

LM48413TL/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM48413TL/NOPB Datasheet PDF - Texas Instruments

Part # LM48413TL/NOPB
Download  LM48413TL/NOPB Click to download

File Size   876.46 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48413 Boomer™ Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier with E2S and Texas Instruments 3D Enhancement

LM48413TL/NOPB Datasheet (HTML) - Texas Instruments


LM48413TL/NOPB Product details

1FEATURES
23• E2S System Reduces EMI Preserving Audio
Quality and Efficiency
• Output Short Circuit Protection
• Stereo Class D Operation
• No Output Filter Required
• Texas Instruments 3D Enhancement
• Minimum External Components
• Click and Pop Suppression
• Micro-Power Shutdown
• Available in Space-Saving Approximately 2mm
x 2.2mm DSBGA Package

APPLICATIONS
• Mobile Phones
• PDAs
• Laptops

KEY SPECIFICATIONS
• Quiescent Power Supply Current at 3.6V
Supply 4mA (Typ)
• Power Output at VDD = 5V, RL = 8Ω, THD ≤ 1%
1.2 W (Typ)
• Shutdown Current 0.03μA (Typ)
• Efficiency at 3.6V, 100mW into 8Ω 80% (Typ)
• Efficiency at 3.6V, 500mW into 8Ω 80% (Typ)
• Efficiency at 5V, 1W into 8Ω 86% (Typ)

DESCRIPTION
The LM48413 is a single supply, high efficiency,
1.2W/channel, filterless switching audio amplifier. The
LM48413 features Texas Instruments' Enhanced
Emissions Suppression (E2S) system - a unique
patented ultra low EMI, spread spectrum, PWM
architecture. It significantly reduces RF emission
while preserving audio quality and efficiency. The E2S
system improves battery life, reduces external
component count, board area consumption, system
cost and product design cycle time. The LM48413TL
is available in a micro-SMD package, further saving space.
The LM48413 is designed to meet the demands of
mobile phones and other portable communication
devices. Operating from a single 5V supply, the device is capable of delivering 1.2W/channel of
continuous output power to a 8Ω load with less than
1% THD+N. Flexible power supply requirements
allow operation from 2.4V to 5.5V. The wide band
spread spectrum architecture of the LM48413
reduces EMI-radiated emissions due to the modulator
frequency.
The LM48413 features high efficiency compared with
conventional Class AB amplifiers. The E2S system
includes an advanced, patent-pending edge rate
control (ERC) architecture that further reduce
emissions by minimizing the high frequency
components of the device output, while maintaining
its high quality audio reproduction and high efficiency
(η = 85% at VDD = 3.6V, PO = 500mW). The LM48413
also includes Texas Instruments' 3D audio enhancement that improves stereo sound quality. In
devices where the left and right speakers are in close
proximity, 3D enhancement affects channel
specialization, widening the perceived soundstage.
Output short circuit protection prevents the device
from being damaged during fault conditions. Superior
click and pop suppression eliminates audible
transients on power up/down and during shutdown.
Shutdown control also provided to maximizes power
savings.




Similar Part No. - LM48413TL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48413TL/NOPB TI1-LM48413TL/NOPB Datasheet
1Mb / 25P
Audio Power Amplifier
More results


Similar Description - LM48413TL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48410 NSC-LM48410 Datasheet
735Kb / 20P
Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
LM48411 NSC-LM48411 Datasheet
407Kb / 18P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48411 NSC-LM48411_08 Datasheet
443Kb / 22P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48413 NSC-LM48413 Datasheet
392Kb / 22P
Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier with E2S and National 3D Enhancement
logo
Texas Instruments
LM48310 TI1-LM48310_14 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48411 TI1-LM48411_14 Datasheet
875Kb / 23P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48413 TI1-LM48413_14 Datasheet
782Kb / 23P
Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
LM48312 TI-LM48312_15 Datasheet
1Mb / 22P
Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
LM48512 TI-LM48512_15 Datasheet
1Mb / 22P
Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com