Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48413TL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM48413TL/NOPB
Description  LM48413 Boomer™ Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier with E2S and Texas Instruments 3D Enhancement
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48413TL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM48413TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM48413
www.ti.com
SNAS460B – NOVEMBER 2008 – REVISED MARCH 2013
LM48413 Boomer™ Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo
Class D Audio Power Amplifier with E2S and Texas Instruments 3D Enhancement
Check for Samples: LM48413
1
FEATURES
DESCRIPTION
The LM48413 is a single supply, high efficiency,
23
•
E2S System Reduces EMI Preserving Audio
1.2W/channel, filterless switching audio amplifier. The
Quality and Efficiency
LM48413 features Texas Instruments' Enhanced
•
Output Short Circuit Protection
Emissions Suppression (E2S) system - a unique
•
Stereo Class D Operation
patented ultra low EMI, spread spectrum, PWM
architecture. It significantly reduces RF emission
•
No Output Filter Required
while preserving audio quality and efficiency. The E2S
•
Texas Instruments 3D Enhancement
system
improves
battery
life,
reduces
external
•
Minimum External Components
component count, board area consumption, system
cost and product design cycle time. The LM48413TL
•
Click and Pop Suppression
is available in a micro-SMD package, further saving
•
Micro-Power Shutdown
space.
•
Available in Space-Saving Approximately 2mm
The LM48413 is designed to meet the demands of
x 2.2mm DSBGA Package
mobile phones and other portable communication
devices. Operating from a single 5V supply, the
APPLICATIONS
device is capable of delivering 1.2W/channel of
continuous output power to a 8
Ω load with less than
•
Mobile Phones
1% THD+N. Flexible power supply requirements
•
PDAs
allow operation from 2.4V to 5.5V. The wide band
•
Laptops
spread
spectrum
architecture
of
the
LM48413
reduces EMI-radiated emissions due to the modulator
KEY SPECIFICATIONS
frequency.
•
Quiescent Power Supply Current at 3.6V
The LM48413 features high efficiency compared with
Supply 4mA (Typ)
conventional Class AB amplifiers. The E2S system
includes an advanced, patent-pending edge rate
•
Power Output at VDD = 5V, RL = 8Ω, THD ≤ 1%
control
(ERC)
architecture
that
further
reduce
1.2 W (Typ)
emissions
by
minimizing
the
high
frequency
•
Shutdown Current 0.03µA (Typ)
components of the device output, while maintaining
•
Efficiency at 3.6V, 100mW into 8
Ω 80% (Typ)
its high quality audio reproduction and high efficiency
(
η = 85% at VDD = 3.6V, PO = 500mW). The LM48413
•
Efficiency at 3.6V, 500mW into 8
Ω 80% (Typ)
also
includes
Texas
Instruments'
3D
audio
•
Efficiency at 5V, 1W into 8
Ω 86% (Typ)
enhancement that improves stereo sound quality. In
devices where the left and right speakers are in close
proximity,
3D
enhancement
affects
channel
specialization, widening the perceived soundstage.
Output short circuit protection prevents the device
from being damaged during fault conditions. Superior
click
and
pop
suppression
eliminates
audible
transients on power up/down and during shutdown.
Shutdown control also provided to maximizes power
savings.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM48413TL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48413TL/NOPB TI1-LM48413TL/NOPB Datasheet
1Mb / 25P
Audio Power Amplifier
More results

Similar Description - LM48413TL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48410 NSC-LM48410 Datasheet
735Kb / 20P
Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
LM48411 NSC-LM48411 Datasheet
407Kb / 18P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48411 NSC-LM48411_08 Datasheet
443Kb / 22P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48413 NSC-LM48413 Datasheet
392Kb / 22P
Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier with E2S and National 3D Enhancement
logo
Texas Instruments
LM48310 TI1-LM48310_14 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48411 TI1-LM48411_14 Datasheet
875Kb / 23P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48413 TI1-LM48413_14 Datasheet
782Kb / 23P
Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
LM48312 TI-LM48312_15 Datasheet
1Mb / 22P
Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
LM48512 TI-LM48512_15 Datasheet
1Mb / 22P
Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com