Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48413TL/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM48413TL/NOPB
Description  LM48413 Boomer™ Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier with E2S and Texas Instruments 3D Enhancement
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48413TL/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM48413TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 12Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 13Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 14Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 15Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 16Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LM48413
www.ti.com
SNAS460B – NOVEMBER 2008 – REVISED MARCH 2013
Bill Of Materials
Table 1. LM48413 Demonstration Board Bill of Materials
Recommended
Item
Designator
Description
Part Number
Qty
Value
Supplier
Texas
1
U1
Stereo Class-D
LM48413TL
1
Instruments
2
R1, R2
Resistor (0603)
2
4.7k
Ω ± 5%
Towa
Ceramic Capacitor
3
C1, C2, C3, C8
GRM188R71C105KA01D
4
1µF ± 10%, 25V
Murata
(0603) X7R
Ceramic Capacitor
4
C4, C5, C6, C7
C3216X741H105K
4
1µF ± 10%, 25V
TDK
(1206) X7R
Tantium Capacitor
5
C9
594D106X0025B2T
1
10µF ± 10%, 25V
Vishay
(1210)
6
JP5, JP6, JP7
Header 2-pin
3
7
JP1, JP2
Header 3-pin
2
8
JP3, JP4
Header 4-pin
2
9
R3, R4
Potentiometer
ST-4EB100k
2
100k
Ω
Copal Electronics
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM48413



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com