Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49200 Datasheet (PDF) - Texas Instruments

LM49200 Datasheet PDF - Texas Instruments
Part # LM49200
Download  LM49200 Download
File Size   897.62 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM49200 Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier

LM49200 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM49200 Datasheet PDF - Texas Instruments

Part # LM49200
Download  LM49200 Click to download

File Size   897.62 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM49200 Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier

LM49200 Datasheet (HTML) - Texas Instruments


LM49200 Product details

1FEATURES
2• Differential Mono Input and Stereo Single-
Ended Input
• 32-Step Digital Volume Control (-80 to +18dB)
• Three Independent Volume Channels (Left,
Right, Mono)
• Separate Headphone Volume Control
• Flexible Output for Speaker and Headphone
Output
• True Ground Headphone Amplifier Eliminates
Large DC Blocking Capacitors Reducing PCB
Space and Cost
• Receiver Pass-Through Capability
• Soft Enable Function
• RF Immunity Topology
• “Click and Pop” Suppression Circuitry
• Thermal Shutdown Protection
• Micro-Power Shutdown
• I2C Control Interface
• Available in Space-Saving DSBGA Package

KEY SPECIFICATIONS
• Supply Voltage (VDD): 2.7V ≤ VDD ≤ 5.5V
• I2C Supply Voltage: 1.7V ≤ I2CVDD ≤ 5.5V
• Output power at VDD = 5V, 1% THD+N
– RL = 8Ω speaker: 1.25W (typ)
– RL = 32Ω headphone: 38mW (typ)
• Output power at VDD = 3.3V, 1% THD+N
– RL = 8Ω speaker: 520W (typ)
– RL = 32Ω headphone: 38mW (typ)
• PSRR:
– VDD = 3.3V, 217Hz ripple, Mono In: 95dB
(typ)
• Shutdown power supply current 0.02μA (typ)

APPLICATIONS
• Portable Electronic Devices
• Mobile Phones
• PDAs

DESCRIPTION
The LM49200 is a fully integrated audio subsystem
with a stereo power amplifier capable of delivering
500mW of continuous average power per channel into 8Ω with 1% THD+N using a 3.3V supply. The
LM49200 includes a separate stereo headphone
amplifier that can deliver 35mW per channel into
32Ω.
The LM49200 has three input channels. A pair of
single-ended inputs and a fully differential input
channel. The LM49200 features a 32-step digital
volume control on the input stage and an 8-step
digital volume control on the headphone output stage.
The digital volume control and output modes are
programmed through a two-wire I2C compatible
interface that allows flexibility in routing and mixing
audio channels.
The LM49200 is designed for cellular phone, PDA,
and other portable handheld applications. The high
level of integration minimizes external components. The True Ground headphone amplifier eliminates the
physically large DC blocking output capacitors
reducing required board space and reducing cost.




Similar Part No. - LM49200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49200 NSC-LM49200 Datasheet
960Kb / 26P
Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
logo
Texas Instruments
LM49200 TI1-LM49200 Datasheet
1Mb / 29P
Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
logo
National Semiconductor ...
LM49200TL NSC-LM49200TL Datasheet
960Kb / 26P
Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
logo
Texas Instruments
LM49200TL/NOPB TI1-LM49200TL/NOPB Datasheet
1Mb / 29P
Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
logo
National Semiconductor ...
LM49200TLX NSC-LM49200TLX Datasheet
960Kb / 26P
Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
More results


Similar Description - LM49200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
Stereo Class D Audio Subsystem with OCL Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 24P
Mono Class AB Audio Subsystem with a True-Ground Headphone Amplifier
LM49100_0709 NSC-LM49100_0709 Datasheet
2Mb / 26P
Mono Class AB Audio Sub-System with a True-Ground Headphone Amplifier
LM49101 NSC-LM49101 Datasheet
839Kb / 30P
Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
logo
National Semiconductor ...
LM49200 NSC-LM49200 Datasheet
960Kb / 26P
Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
logo
Texas Instruments
LM49100 TI1-LM49100_14 Datasheet
4Mb / 33P
Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
LM49101 TI1-LM49101 Datasheet
1Mb / 33P
Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
LM49200 TI1-LM49200 Datasheet
1Mb / 29P
Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com