Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM95214 Datasheet (PDF) - Texas Instruments

LM95214 Datasheet PDF - Texas Instruments
Part # LM95214
Download  LM95214 Download
File Size   788.45 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM95214 Quad Remote Diode and Local Temperature Sensor With SMBus Interface

LM95214 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM95214 Datasheet PDF - Texas Instruments

Part # LM95214
Download  LM95214 Click to download

File Size   788.45 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM95214 Quad Remote Diode and Local Temperature Sensor With SMBus Interface

LM95214 Datasheet (HTML) - Texas Instruments


LM95214 Product details

1 Features
1• Accurately Senses Die Temperature of 4 Remote
ICs or Diode Junctions and Local Temperature
• Local Temperature Accuracy ±2.0°C (Maximum)
• Remote Diode Temperature Accuracy ±1.1°C
(Maximum)
• Supply Voltage: 3 V to 3.6 V
• Average Supply Current (1-Hz Conversion Rate)
0.57 mA (Typical)
• Programmable Digital Filters and Analog Front-
End Filter
• 0.125°C LSB Temperature Resolution
• 0.03125°C LSB Remote Temperature Resolution
With Digital Filter Enabled
• Signed Format: +127.875°C/–128°C Remote
Range
• Unsigned Format: 0°C/255°C Remote Range
• Remote Diode Fault Detection, Model Selection,
and Offset Correction
• Mask and Status Register Support
• 3 Programmable TCRIT Outputs With
Programmable Shared Hysteresis and Fault-
Queue
• Programmable Conversion Rate and Shutdown
Mode One-Shot Conversion Control
• SMBus 2.0 Compatible Interface, Supports
TIMEOUT
• Three-Level Address Pin

2 Applications
• MCU, GPU, ASIC, FPGA, DSP, and CPU
Temperature Monitoring
• Telecommunication Equipment
• Servers and Personal Computers
• Cloud Ethernet Switches
• Secure Data Centers
• Highly Integrated Medical Systems
• Precision Instruments and Test Equipment
• LED Lighting Thermal Control
• Office Electronics
• Electronic Test Equipment
• Processor and Computer System Thermal
Management

3 Description
The LM95214 device is an 11-bit digital temperature
sensor with a 2-wire System Management Bus
(SMBus) interface that can very accurately monitor
the temperature of four remote diodes as well as its
own temperature. The four remote diodes can be
external devices such as microprocessors, graphics
processors that target the ideality of a 2N3904
transistor or diode-connected 2N3904s.
The LM95214 reports temperature in two different
formats for +127.875°C/–128°C range and 0°C/255°C
range. The LM95214 TCRIT1, TCRIT2 and TCRIT3
outputs are triggered when any unmasked channel
exceeds its corresponding programmable limit and
can be used to shutdown the system, to turn on the
system fans or as a microcontroller interrupt function.
The current status of the TCRIT1, TCRIT2, and
TCRIT3 pins can be read back from the status
registers. Mask registers are available for further
control of the TCRIT outputs.
Two LM95214 remote temperature channels have
programmable digital filters while the other two
remote channels use a fault-queue to minimize
unwanted TCRIT events when temperature spikes
are encountered.
For optimum flexibility and accuracy, each LM95214
channel includes registers for offset correction. A
three-level address pin allows connection of up to 3
LM95214s to the same SMBus master. The LM95214
includes power saving functions such as:
programmable conversion rate, shutdown mode, and
disabling of unused channels.




Similar Part No. - LM95214

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95214 TI-LM95214 Datasheet
1Mb / 44P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95214 TI2-LM95214 Datasheet
2Mb / 86P
ADC12D1800 12-Bit, Single 3.6 GSPS Ultra High-Speed ADC
REVISED MAY 2017
logo
National Semiconductor ...
LM95214CISD NSC-LM95214CISD Datasheet
794Kb / 38P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95214CISD/NOPB TI-LM95214CISD/NOPB Datasheet
1Mb / 44P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface
More results


Similar Description - LM95214

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
Remote/Local Temperature Sensor with SMBus Serial Interface
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Texas Instruments
LM95214 TI-LM95214_15 Datasheet
1Mb / 44P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com