Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM95214 Datasheet (PDF) - Texas Instruments

LM95214 Datasheet PDF - Texas Instruments
Part # LM95214
Download  LM95214 Download
File Size   2315.92 Kbytes
Page   86 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12D1800 12-Bit, Single 3.6 GSPS Ultra High-Speed ADC

LM95214 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM95214 Datasheet PDF - Texas Instruments

Part # LM95214
Download  LM95214 Click to download

File Size   2315.92 Kbytes
Page   86 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12D1800 12-Bit, Single 3.6 GSPS Ultra High-Speed ADC

LM95214 Datasheet (HTML) - Texas Instruments


LM95214 Product details

1.1 Features 1
• Configurable to Either 3.6 GSPS Interleaved or
1.8 GSPS Dual ADC
• Pin-Compatible with ADC10D1000/1500 and
ADC12D1000/1600
• Internally Terminated, Buffered, Differential Analog
Inputs
• Interleaved Timing Automatic and Manual Skew
Adjust
• Test Patterns at Output for System Debug
• Programmable 15-bit Gain and 12-bit Plus Sign
Offset
• Programmable tAD Adjust Feature
• 1:1 Non-Demuxed or 1:2 Demuxed LVDS Outputs
• AutoSync Feature for Multi-Chip Systems
• Single 1.9-V ± 0.1-V Power Supply
• Key Specifications
– Resolution: 12 Bits
– Interleaved 3.6 GSPS ADC
– Noise Floor Density –153.5 dBm/Hz (typ)
– IMD3 –61 dBFS (typ)
– Noise Power Ratio 48.5 dB (typ)
– Power 4.4 W (typ)
– Full Power Bandwidth 1.75 GHz (typ)
– Dual 1.8 GSPS ADC, Fin = 125MHz
– ENOB: 9.4 (typ)
– SNR 58.5 dB (typ)
– SFDR 73 dBc (typ)
– Power 4.4 W (typ)
– Full Power Bandwidth 2.8 GHz (typ)

1.2 Applications
• Wideband Communications
• Data Acquisition Systems
• RADAR/LIDAR
• Set-top Box
• Consumer RF
• Software Defined Radio

1.3 Description
The 12-bit, 3.6 GSPS ADC12D1800 is the latest advance in TI's Ultra-High-Speed ADC family and builds
upon the features, architecture and functionality of the 10-bit GHz family of ADCs.
The ADC12D1800 provides a flexible LVDS interface which has multiple SPI programmable options to
facilitate board design and FPGA/ASIC data capture. The LVDS outputs are compatible with IEEE 1596.3-
1996 and supports programmable common mode voltage.
The product is packaged in a leaded or lead-free 292-ball thermally enhanced BGA package over the
rated industrial temperature range of –40°C to +85°C.
To achieve full rated performance for fCLK > 1.6 GHz, write the maximum power settings one time to
Register 6h through the serial interface; see Section 5.6.1 for more information.




Similar Part No. - LM95214

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95214 TI-LM95214 Datasheet
1Mb / 44P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95214 TI2-LM95214 Datasheet
788Kb / 49P
LM95214 Quad Remote Diode and Local Temperature Sensor With SMBus Interface
REVISED OCTOBER 2017
logo
National Semiconductor ...
LM95214CISD NSC-LM95214CISD Datasheet
794Kb / 38P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95214CISD/NOPB TI-LM95214CISD/NOPB Datasheet
1Mb / 44P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface
More results


Similar Description - LM95214

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
12-Bit, Single 3.6 GSPS ADC
logo
Texas Instruments
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000 TI1-ADC12D1000_15 Datasheet
3Mb / 86P
GSPS Ultra High-Speed ADC
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
ADC12D1800 TI1-ADC12D1800 Datasheet
2Mb / 84P
12-Bit, Single 3.6 GSPS Ultra High-Speed ADC
logo
Analog Devices
AD9209 AD-AD9209 Datasheet
120Kb / 5P
Quad, 12-Bit, 4 GSPS RF ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com