Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98519 Datasheet (PDF) - Texas Instruments

LM98519 Datasheet PDF - Texas Instruments
Part # LM98519
Download  LM98519 Download
File Size   887.63 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM98519 10-bit 65 MSPS 6 Channel Imaging Signal Processor

LM98519 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM98519 Datasheet PDF - Texas Instruments

Part # LM98519
Download  LM98519 Click to download

File Size   887.63 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM98519 10-bit 65 MSPS 6 Channel Imaging Signal Processor

LM98519 Datasheet (HTML) - Texas Instruments


LM98519 Product details

1 Features
1• 3.3-V Single Supply Operation
• CDS or S/H Processing with Negative Input Signal
Polarity
• 32.5-MHz Channel Rate
• Enhanced ESD Protection on Host Interface Pins:
SHP, SHD, CLPIN, BLKCLP, AGC_ONB, MCLK,
RESETB, SENB, SCLK, SDI, SDO
• Low Power CMOS Design
• 4-Wire Serial interface
• 2 Channel Symmetrical Architecture
• Independent Gain and Offset Correction for Each
Channel
• Digital Black Level Calibration for Each Channel
• Digital White Level Calibration for Each Channel
• Programmable Input Clamp

2 Applications
• Digital Color Copiers
• Scanners
• Image Processing Polarity applications
• Key Specifications
– Maximum Input Level:
– 1.19 Vp-p (CDS Gain = 1.0)
– 0.58 Vp-p (CDS Gain = 2.1)
– Input Sample Rate:
– 5 to 32.5 MSPS – 6ch Mode
– 10 to 32.5 MSPS – 3ch Mode
– PGA Gain Range: 1x to 10x (0 to 20 dB)
– CDS/SH Gain Settings: 1x or 2.1x
– Total Channel Gain: 1x to 20x (0 to 26 dB)
– PGA Gain Resolution: 8 Bits – Analog
– ADC Resolution: 10 Bits
– ADC Sampling Rate: 10 to 65 MSPS
– SNR: 67.5 dB (Gain = 1x)
– Offset DAC Range:
– ±111 mV or ±60 mV – FDAC
– ±277 mV – CDAC
– Offset DAC Resolution:
– ±10 Bits – FDAC
– ±4 Bits – CDAC
– Supply Voltage: 3.0 V to 3.6 V
– Power Dissipation: 1.04 W (Typical)

3 Description
The LM98519 is a fully integrated, high performance
10-Bit, 65 MSPS signal processing solution for digital color copiers, scanners, and other image processing
applications. High-speed signal throughput is
achieved with an innovative six channel architecture
utilizing Correlated Double Sampling (CDS), or
Sample and Hold (SH) type sampling. 1x or 2x gain
settings are available in the CDS/SH input stage. Each channel has a dedicated 1x to 10x (8 bit) PGA
that allows accurate gain adjustment of each channel.
The Digital White Level auto calibration loop can
automatically set the PGA value to achieve a
selected white target level. Each channel also has a ±4-bit coarse and ±10-bit fine analog offset correction
DAC that allows offset correction before the sample-
and-hold amplifier. These correction values can be
controlled by an automated Digital Black Level
correction loop. The PGA and offset DACs for each channel are programmed independently allowing
unique values of gain and offset for each of the six
channels. A 2-to-1 multiplexing scheme routes the
signals to three 65-MHz high performance ADCs. The
fully differential processing channels achieve exceptional noise immunity, having a very low noise
floor of -67.5 dB. The 10-bit analog-to-digital
converters have excellent dynamic performance
making the LM98519 transparent in the image
reproduction chain.




Similar Part No. - LM98519

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM98519 NSC-LM98519 Datasheet
150Kb / 6P
10-bit 65 MSPS 6 Channel Imaging Signal Processor
logo
Texas Instruments
LM98519 TI1-LM98519 Datasheet
661Kb / 57P
10-bit 65 MSPS 6 Channel Imaging Signal Processor
logo
National Semiconductor ...
LM98519VHB NSC-LM98519VHB Datasheet
150Kb / 6P
10-bit 65 MSPS 6 Channel Imaging Signal Processor
logo
Texas Instruments
LM98519VHB/NOPB TI1-LM98519VHB/NOPB Datasheet
661Kb / 57P
10-bit 65 MSPS 6 Channel Imaging Signal Processor
More results


Similar Description - LM98519

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM98501 NSC-LM98501 Datasheet
490Kb / 24P
10-Bit, 27 MSPS Camera Signal Processor
logo
Analog Devices
AD6620 AD-AD6620 Datasheet
354Kb / 43P
65 MSPS Digital Receive Signal Processor
REV. 0
AD9821 AD-AD9821 Datasheet
277Kb / 16P
Complete 12-Bit 40 MSPS Imaging Signal Processor
REV.0
logo
National Semiconductor ...
LM98519 NSC-LM98519 Datasheet
150Kb / 6P
10-bit 65 MSPS 6 Channel Imaging Signal Processor
logo
International Rectifier
LM98620 IRF-LM98620 Datasheet
157Kb / 6P
10-bit 70 MSPS 6 Channel Imaging Signal Processor with 10-bit 70 MSPS 6 Channel Imaging Signal Processor with
OM7580SC IRF-OM7580SC Datasheet
71Kb / 4P
10-bit 70 MSPS 6 Channel Imaging Signal Processor withLVDS Output
logo
Analog Devices
ADDI7006BSUZ AD-ADDI7006BSUZ Datasheet
67Kb / 2P
6-Channel, 10-Bit, 40 MSPS CCD Signal Processor
Rev. SpA
AD9821 AD-AD9821_15 Datasheet
283Kb / 16P
Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
logo
Texas Instruments
LM98519 TI1-LM98519 Datasheet
661Kb / 57P
10-bit 65 MSPS 6 Channel Imaging Signal Processor
LM98620 TI1-LM98620 Datasheet
887Kb / 69P
10-Bit 70 MSPS 6 Channel Imaging Signal Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com