Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMD18200 Datasheet (PDF) - Texas Instruments

LMD18200 Datasheet PDF - Texas Instruments
Part # LMD18200
Download  LMD18200 Download
File Size   856.02 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMD18200 3A, 55V H-Bridge

LMD18200 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMD18200 Datasheet PDF - Texas Instruments

Part # LMD18200
Download  LMD18200 Click to download

File Size   856.02 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMD18200 3A, 55V H-Bridge

LMD18200 Datasheet (HTML) - Texas Instruments


LMD18200 Product details

1FEATURES
2• Delivers Up to 3A Continuous Output
• Operates at Supply Voltages Up to 55V
• Low RDS(ON) Typically 0.33Ω per Switch at 3A
• TTL and CMOS Compatible Inputs
• No “Shoot-Through” Current
• Thermal Warning Flag Output at 145°C
• Thermal Shutdown (Outputs Off) at 170°C
• Internal Clamp Diodes
• Shorted Load Protection
• Internal Charge Pump with External Bootstrap
Capability

APPLICATIONS
• DC and Stepper Motor Drives
• Position and Velocity Servomechanisms
• Factory Automation Robots
• Numerically Controlled Machinery
• Computer Printers and Plotters

DESCRIPTION
The LMD18200 is a 3A H-Bridge designed for motion control applications. The device is built using a multi-
technology process which combines bipolar and
CMOS control circuitry with DMOS power devices on
the same monolithic structure. Ideal for driving DC
and stepper motors; the LMD18200 accommodates
peak output currents up to 6A. An innovative circuit
which facilitates low-loss sensing of the output current
has been implemented.




Similar Part No. - LMD18200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18200 NSC-LMD18200 Datasheet
439Kb / 13P
3A, 55V H-Bridge
LMD18200 NSC-LMD18200 Datasheet
877Kb / 14P
3A, 55V H-Bridge
logo
Texas Instruments
LMD18200 TI-LMD18200 Datasheet
664Kb / 20P
3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200-2D-QV NSC-LMD18200-2D-QV Datasheet
439Kb / 13P
3A, 55V H-Bridge
LMD18200-2D-QV NSC-LMD18200-2D-QV Datasheet
877Kb / 14P
3A, 55V H-Bridge
More results


Similar Description - LMD18200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18200 NSC-LMD18200 Datasheet
439Kb / 13P
3A, 55V H-Bridge
LMD18201 NSC-LMD18201 Datasheet
261Kb / 8P
3A, 55V H-Bridge
logo
International Rectifier
IR8200B IRF-IR8200B Datasheet
87Kb / 1P
3A, 55V DMOS H-BRIDGE
logo
National Semiconductor ...
LMD18200 NSC-LMD18200_05 Datasheet
877Kb / 14P
3A, 55V H-Bridge
LMD18245 NSC-LMD18245_06 Datasheet
1Mb / 21P
3A, 55V DMOS Full-Bridge Motor Driver
logo
Texas Instruments
LMD18200QML TI1-LMD18200QML Datasheet
340Kb / 18P
2.4A, 55V H-Bridge
LMD18200 TI-LMD18200_13 Datasheet
689Kb / 19P
LMD18200 3A, 55V H-Bridge
LMD18201T TI1-LMD18201T Datasheet
476Kb / 17P
3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200T NSC-LMD18200T Datasheet
347Kb / 14P
3A, 55V H-Bridge
logo
Texas Instruments
LMD18200 TI-LMD18200_15 Datasheet
664Kb / 20P
3A, 55V H-Bridge
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com