Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMD18201 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
LMD18201 Datasheet PDF - National Semiconductor (TI)
Part # LMD18201
Download  LMD18201 Download
File Size   261.21 Kbytes
Page   8 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 3A, 55V H-Bridge

LMD18201 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMD18201 Datasheet PDF - National Semiconductor (TI)

Part # LMD18201
Download  LMD18201 Click to download

File Size   261.21 Kbytes
Page   8 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 3A, 55V H-Bridge

LMD18201 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LMD18201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMD18201 TI1-LMD18201 Datasheet
476Kb / 17P
3A, 55V H-Bridge
LMD18201 TI2-LMD18201 Datasheet
554Kb / 17P
LMD18201 3A, 55V H-Bridge
REVISED APRIL 2013
LMD18201T TI1-LMD18201T Datasheet
476Kb / 17P
3A, 55V H-Bridge
LMD18201T/NOPB TI1-LMD18201T/NOPB Datasheet
476Kb / 17P
3A, 55V H-Bridge
LMD18201T/NOPB TI2-LMD18201T/NOPB Datasheet
554Kb / 17P
LMD18201 3A, 55V H-Bridge
REVISED APRIL 2013
More results


Similar Description - LMD18201

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18200 NSC-LMD18200 Datasheet
439Kb / 13P
3A, 55V H-Bridge
LMD18245 NSC-LMD18245 Datasheet
647Kb / 18P
3A, 55V DMOS Full-Bridge Motor Driver
logo
International Rectifier
IR8200B IRF-IR8200B Datasheet
87Kb / 1P
3A, 55V DMOS H-BRIDGE
logo
National Semiconductor ...
LMD18200 NSC-LMD18200_05 Datasheet
877Kb / 14P
3A, 55V H-Bridge
LMD18245 NSC-LMD18245_06 Datasheet
1Mb / 21P
3A, 55V DMOS Full-Bridge Motor Driver
logo
Texas Instruments
LMD18200QML TI1-LMD18200QML Datasheet
340Kb / 18P
2.4A, 55V H-Bridge
LMD18200 TI-LMD18200_13 Datasheet
689Kb / 19P
LMD18200 3A, 55V H-Bridge
LMD18201T TI1-LMD18201T Datasheet
476Kb / 17P
3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200T NSC-LMD18200T Datasheet
347Kb / 14P
3A, 55V H-Bridge
logo
Texas Instruments
LMD18200 TI-LMD18200_15 Datasheet
664Kb / 20P
3A, 55V H-Bridge
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com