Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMD18201 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMD18201
Description  3A, 55V H-Bridge
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMD18201 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMD18201 Datasheet HTML 1Page - National Semiconductor (TI) LMD18201 Datasheet HTML 2Page - National Semiconductor (TI) LMD18201 Datasheet HTML 3Page - National Semiconductor (TI) LMD18201 Datasheet HTML 4Page - National Semiconductor (TI) LMD18201 Datasheet HTML 5Page - National Semiconductor (TI) LMD18201 Datasheet HTML 6Page - National Semiconductor (TI) LMD18201 Datasheet HTML 7Page - National Semiconductor (TI) LMD18201 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LMD18201
3A, 55V H-Bridge
General Description
The LMD18201 is a 3A H-Bridge designed for motion control
applications. The device is built using a multi-technology pro-
cess which combines bipolar and CMOS control circuitry
with DMOS power devices on the same monolithic structure.
The H-Bridge configuration is ideal for driving DC and step-
per motors. The LMD18201 accommodates peak output cur-
rents up to 6A. Current sensing can be achieved via a small
sense resistor connected in series with the power ground
lead. For current sensing without disturbing the path of cur-
rent to the load, the LMD18200 is recommended.
Features
n Delivers up to 3A continuous output
n Operates at supply voltages up to 55V
n Low RDS(ON) typically 0.33Ω per switch
n TTL and CMOS compatible inputs
n No “shoot-through” current
n Thermal warning flag output at 145˚C
n Thermal shutdown (outputs off) at 170˚C
n Internal clamp diodes
n Shorted load protection
n Internal charge pump with external bootstrap capability
Applications
n DC and stepper motor drives
n Position and velocity servomechanisms
n Factory automation robots
n Numerically controlled machinery
n Computer printers and plotters
Functional Diagram
DS010793-1
FIGURE 1. Functional Block Diagram of LMD18201
April 1998
© 1999 National Semiconductor Corporation
DS010793
www.national.com


Similar Part No. - LMD18201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMD18201 TI1-LMD18201 Datasheet
476Kb / 17P
3A, 55V H-Bridge
LMD18201 TI2-LMD18201 Datasheet
554Kb / 17P
LMD18201 3A, 55V H-Bridge
REVISED APRIL 2013
LMD18201T TI1-LMD18201T Datasheet
476Kb / 17P
3A, 55V H-Bridge
LMD18201T/NOPB TI1-LMD18201T/NOPB Datasheet
476Kb / 17P
3A, 55V H-Bridge
LMD18201T/NOPB TI2-LMD18201T/NOPB Datasheet
554Kb / 17P
LMD18201 3A, 55V H-Bridge
REVISED APRIL 2013
More results

Similar Description - LMD18201

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18200 NSC-LMD18200 Datasheet
439Kb / 13P
3A, 55V H-Bridge
LMD18245 NSC-LMD18245 Datasheet
647Kb / 18P
3A, 55V DMOS Full-Bridge Motor Driver
logo
International Rectifier
IR8200B IRF-IR8200B Datasheet
87Kb / 1P
3A, 55V DMOS H-BRIDGE
logo
National Semiconductor ...
LMD18200 NSC-LMD18200_05 Datasheet
877Kb / 14P
3A, 55V H-Bridge
LMD18245 NSC-LMD18245_06 Datasheet
1Mb / 21P
3A, 55V DMOS Full-Bridge Motor Driver
logo
Texas Instruments
LMD18200QML TI1-LMD18200QML Datasheet
340Kb / 18P
2.4A, 55V H-Bridge
LMD18200 TI-LMD18200_13 Datasheet
689Kb / 19P
LMD18200 3A, 55V H-Bridge
LMD18201T TI1-LMD18201T Datasheet
476Kb / 17P
3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200T NSC-LMD18200T Datasheet
347Kb / 14P
3A, 55V H-Bridge
logo
Texas Instruments
LMD18200 TI-LMD18200_15 Datasheet
664Kb / 20P
3A, 55V H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com