Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6555 Datasheet (PDF) - Texas Instruments

LMH6555 Datasheet PDF - Texas Instruments
Part # LMH6555
Download  LMH6555 Download
File Size   870.07 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6555 Low Distortion 1.2 GHz Differential Driver

LMH6555 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6555 Datasheet PDF - Texas Instruments

Part # LMH6555
Download  LMH6555 Click to download

File Size   870.07 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6555 Low Distortion 1.2 GHz Differential Driver

LMH6555 Datasheet (HTML) - Texas Instruments


LMH6555 Product details

1FEATURES
2• Typical Values unless Otherwise Specified.
• −3 dB Bandwidth (VOUT = 0.80 VPP) 1.2 GHz
• ±0.5 dB Gain Flatness (VOUT = 0.80 VPP) 330
MHz
• Slew Rate 1300 V/μs
• 2nd/3rd Harmonics (750 MHz) −53/−54 dBc
• Fixed Gain 13.7 dB
• Supply Current 120 mA
• Single Supply Operation 3.3V ±10%
• Adjustable Common-Mode Output Voltage

APPLICATIONS
• Differential ADC Driver
• Texas Instruments ADC081500/ ADC081000
– (Single or Dual) Driver
• Single Ended to Differential Converter
• Intermediate Frequency (IF) Amplifier
• Communication Receivers
• Oscilloscope Front End

DESCRIPTION
The LMH6555 is an ultra high speed differential line
driver with 53 dB SFDR at 750 MHz. The LMH6555
features a fixed gain of 13.7 dB. An input to the
device allows the output common mode voltage to be
set independent of the input common mode voltage in
order to simplify the interface to high speed
differential input ADCs. A unique architecture allows
the device to operate as a fully differential driver or as
a single-ended to differential converter.
The outstanding linearity and drive capability (100Ω
differential load) of this device are a perfect match for
driving high speed analog-to-digital converters. When
combined with the ADC081000/ ADC081500 (single
or dual ADC), the LMH6555 forms an excellent 8-bit data acquisition system with analog bandwidths
exceeding 750 MHz.
The LMH6555 is offered in a space saving 16-pin
WQFN package.




Similar Part No. - LMH6555

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
Low Distortion 1.2 GHz Differential Driver
December 3, 2007
logo
Texas Instruments
LMH6555 TI1-LMH6555 Datasheet
551Kb / 14P
selecting amplifiers, adcs, and clocks for high-performance signal paths
LMH6555 TI1-LMH6555 Datasheet
1Mb / 37P
LMH6555 Low Distortion 1.2 GHz Differential Driver
LMH6555 TI1-LMH6555 Datasheet
1Mb / 40P
LMH6555 Low Distortion 1.2 GHz Differential Driver
logo
Intersil Corporation
LMH6555SQ INTERSIL-LMH6555SQ Datasheet
664Kb / 24P
Low Distortion 1.2 GHz Differential Driver
December 3, 2007
More results


Similar Description - LMH6555

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
Low Distortion Differential ADC Driver
3/03-Data Sheet changed from REV. D to REV. E.
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
Low Distortion Differential ADC Driver
Rev. F
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
Low Distortion 1.0 GHz Differential Amplifier
REV.A
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
Low Distortion 1.2 GHz Differential Driver
December 3, 2007
logo
Analog Devices
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Texas Instruments
LMH6555 TI1-LMH6555_14 Datasheet
1Mb / 37P
LMH6555 Low Distortion 1.2 GHz Differential Driver
logo
Analog Devices
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
Low Distortion Differential ADC Driver
Rev. F
logo
Texas Instruments
LMH6555 TI1-LMH6555 Datasheet
1Mb / 40P
LMH6555 Low Distortion 1.2 GHz Differential Driver
logo
Analog Devices
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
Low Distortion, Differential ADC Driver
Rev. G
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
Low Distortion 1.0 GHz Differential Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com