Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6733 Datasheet (PDF) - Texas Instruments

LMH6733 Datasheet PDF - Texas Instruments
Part # LMH6733
Download  LMH6733 Download
File Size   814.57 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6733 Single Supply, 1.0 GHz, Triple Operational Amplifier

LMH6733 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6733 Datasheet PDF - Texas Instruments

Part # LMH6733
Download  LMH6733 Click to download

File Size   814.57 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6733 Single Supply, 1.0 GHz, Triple Operational Amplifier

LMH6733 Datasheet (HTML) - Texas Instruments


LMH6733 Product details

1FEATURES
2• Supply Range 3 to 12V Single Supply
• Supply Range ±1.5V to ±6V Split Supply
• 1.0 GHz −3 dB Small Signal Bandwidth
– (AV = +1, VS = ±5V)
• 650 MHz −3 dB Small Signal Bandwidth
– (AV = +2, VS = 5V)
• Low Supply Current (5.5 mA per op Amp, VS =
5V)
• 2.1 nV/√Hz Input Noise Voltage
• 3750 V/μs Slew Rate
• 70 mA Linear Output Current
• CMIR and Output Swing to 1V from Each
Supply Rail

APPLICATIONS
• HDTV Component Video Driver
• High Resolution Projectors
• Flash A/D Driver
• D/A Transimpedance Buffer
• Wide Dynamic Range IF Amp
• Radar/Communication Receivers
• DDS Post-Amps
• Wideband Inverting Summer
• Line Driver

DESCRIPTION
The LMH6733 is a triple, wideband, operational
amplifier designed specifically for use where high
speed and low power are required. Input voltage
range and output voltage swing are optimized for
operation on supplies as low as 3V and up to ±6V.
Benefiting from TI’s current feedback architecture, the LMH6733 offers a gain range of ±1 to ±10 while
providing stable operation without external
compensation, even at unity gain. These amplifiers
provide 650 MHz small signal bandwidth at a gain of
2 V/V , a low 2.1 nV/√Hz input referred noise and only consume 5.5 mA (per amplifier) from a single 5V
supply.
The LMH6733 is offered in a 16-Pin SSOP package
with flow through pinout for ease of layout and is also
pin compatible with the LMH6738. Each amplifier has
an individual shutdown pin.




Similar Part No. - LMH6733

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6733 TI1-LMH6733 Datasheet
997Kb / 25P
Single Supply, 1.0 GHz, Triple Operational Amplifier
LMH6733MQ/NOPB TI1-LMH6733MQ/NOPB Datasheet
997Kb / 25P
Single Supply, 1.0 GHz, Triple Operational Amplifier
LMH6733MQX/NOPB TI1-LMH6733MQX/NOPB Datasheet
997Kb / 25P
Single Supply, 1.0 GHz, Triple Operational Amplifier
More results


Similar Description - LMH6733

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2119 NJRC-NJM2119 Datasheet
217Kb / 5P
DUAL SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2125 NJRC-NJM2125 Datasheet
247Kb / 5P
SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2902 NJRC-NJM2902 Datasheet
255Kb / 7P
QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2904 NJRC-NJM2904 Datasheet
278Kb / 7P
SINGLE-SUPPLY OPERATIONAL AMPLIFIER?
NJM3404A NJRC-NJM3404A Datasheet
228Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER?
logo
General Electric Compan...
CA3401 GEC-CA3401 Datasheet
342Kb / 4P
Quad Single-Supply Operational Amplifier
logo
Unisonic Technologies
3404 UTC-3404 Datasheet
136Kb / 5P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
M2904 UTC-M2904_10 Datasheet
234Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMH6733 TI1-LMH6733 Datasheet
997Kb / 25P
Single Supply, 1.0 GHz, Triple Operational Amplifier
logo
New Japan Radio
NJM2902C NJRC-NJM2902C Datasheet
497Kb / 8P
QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
Ver.09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com