Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803313 Datasheet (PDF) - PHOENIX CONTACT

0803313 Datasheet PDF - PHOENIX CONTACT
Part # 0803313
Download  0803313 Download
File Size   201.0 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMS 4,8 (30X9)RXL YE - Shrink sleeve

0803313 Datasheet (PDF)

Go To PDF Page Download Datasheet
0803313 Datasheet PDF - PHOENIX CONTACT

Part # 0803313
Download  0803313 Click to download

File Size   201.0 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMS 4,8 (30X9)RXL YE - Shrink sleeve

0803313 Datasheet (HTML) - PHOENIX CONTACT


0803313 Product details

Shrink sleeve, Roll, yellow, unmarked, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLLMASTER 300/600, THERMOMARK ROLL X1, THERMOMARK ROLL,
THERMOMARK ROLL 2.0, THERMOMARK W, THERMOMARK X1.2, cable diameter range: 1.6
... 4.8 mm, perforated, mounting type: slide-on, Number of individual labels: 5000, text field
height: 9 mm, text field width: 30 mm




Similar Part No. - 0803313

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803310 PHOENIX-0803310 Datasheet
174Kb / 4P
TOPMARK LASER CLEANING NOZZLE - Cleaning set
0803312 PHOENIX-0803312 Datasheet
51Kb / 2P
These conductor marking systems consist of marker carriers and insert labels
0803314 PHOENIX-0803314 Datasheet
191Kb / 6P
WMTB HF (40X12)R RD - Cable marker
0803315 PHOENIX-0803315 Datasheet
191Kb / 6P
WMTB HF (55X15)R RD - Cable marker
0803316 PHOENIX-0803316 Datasheet
54Kb / 2P
The marker has two fastening eyes so that it can be attached to the conductor by means of PKB ... cable binders
More results


Similar Description - 0803313

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
1212475 PHOENIX-1212475 Datasheet
44Kb / 2P
Cable tie tool - UNIFOX-CT 4,8
1670497 PHOENIX-1670497 Datasheet
46Kb / 2P
Insulating sleeve - PT/FS 4,8
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
5145397 PHOENIX-5145397 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110-WMS
09/12/2020
2701134 PHOENIX-2701134 Datasheet
167Kb / 4P
Mounting adapter - FL EPA WMS
Dec 6, 2022
logo
WECO ELECTRICAL CONNECT...
900-SUC-10 WECO-900-SUC-10 Datasheet
84Kb / 1P
Tab connector Tab 4,8 mm
07.19
900-SUC-5 WECO-900-SUC-5 Datasheet
96Kb / 1P
Tab connector Tab 4,8 mm
07.19
900-SUC-7.5 WECO-900-SUC-7.5 Datasheet
89Kb / 1P
Tab connector Tab 4,8 mm
07.19
logo
PHOENIX CONTACT
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com