Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803313 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803313
Description  WMS 4,8 (30X9)RXL YE - Shrink sleeve
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803313 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803313 Datasheet HTML 1Page - PHOENIX CONTACT 0803313 Datasheet HTML 2Page - PHOENIX CONTACT 0803313 Datasheet HTML 3Page - PHOENIX CONTACT 0803313 Datasheet HTML 4Page - PHOENIX CONTACT 0803313 Datasheet HTML 5Page - PHOENIX CONTACT 0803313 Datasheet HTML 6Page - PHOENIX CONTACT 0803313 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Shrink sleeve, Roll, yellow, unmarked, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLLMASTER 300/600, THERMOMARK ROLL X1, THERMOMARK ROLL,
THERMOMARK ROLL 2.0, THERMOMARK W, THERMOMARK X1.2, cable diameter range: 1.6
... 4.8 mm, perforated, mounting type: slide-on, Number of individual labels: 5000, text field
height: 9 mm, text field width: 30 mm
Your advantages
Permanent and captive identification of single-core wires, wires, cables, pneumatic hoses, and other cylindrical objects
•
Ladder style design: For a good overview and to facilitate quick use, the sleeves are preassembled in cut lengths: 15 mm, 30 mm, or 60 mm
•
As an option, the sleeves can be shrunk by applying heat manually to fix the sleeve in position
•
High diameter coverage with a shrink ratio of 3:1
•
Widely used and proven worldwide in control cabinet and machine building, the oil and gas industry, and the railway industry
•
Commercial data
Item number
0803313
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG14
Product key
BG2216
GTIN
4055626020051
Weight per piece (including packing)
1,390 g
Weight per piece (excluding packing)
1,190 g
Customs tariff number
39173200
Country of origin
CN
WMS 4,8 (30X9)RXL YE - Shrink sleeve
0803313
https://www.phoenixcontact.com/us/products/0803313
Aug 18, 2025, 7:10AM
Page 1 (7)


Similar Part No. - 0803313

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803310 PHOENIX-0803310 Datasheet
174Kb / 4P
TOPMARK LASER CLEANING NOZZLE - Cleaning set
0803312 PHOENIX-0803312 Datasheet
51Kb / 2P
These conductor marking systems consist of marker carriers and insert labels
0803314 PHOENIX-0803314 Datasheet
191Kb / 6P
WMTB HF (40X12)R RD - Cable marker
0803315 PHOENIX-0803315 Datasheet
191Kb / 6P
WMTB HF (55X15)R RD - Cable marker
0803316 PHOENIX-0803316 Datasheet
54Kb / 2P
The marker has two fastening eyes so that it can be attached to the conductor by means of PKB ... cable binders
More results

Similar Description - 0803313

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
1212475 PHOENIX-1212475 Datasheet
44Kb / 2P
Cable tie tool - UNIFOX-CT 4,8
1670497 PHOENIX-1670497 Datasheet
46Kb / 2P
Insulating sleeve - PT/FS 4,8
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
5145397 PHOENIX-5145397 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110-WMS
09/12/2020
2701134 PHOENIX-2701134 Datasheet
167Kb / 4P
Mounting adapter - FL EPA WMS
Dec 6, 2022
logo
WECO ELECTRICAL CONNECT...
900-SUC-10 WECO-900-SUC-10 Datasheet
84Kb / 1P
Tab connector Tab 4,8 mm
07.19
900-SUC-5 WECO-900-SUC-5 Datasheet
96Kb / 1P
Tab connector Tab 4,8 mm
07.19
900-SUC-7.5 WECO-900-SUC-7.5 Datasheet
89Kb / 1P
Tab connector Tab 4,8 mm
07.19
logo
PHOENIX CONTACT
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com