Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC308 Datasheet (PDF) - Hittite Microwave Corporation

HMC308 Datasheet PDF - Hittite Microwave Corporation
Part # HMC308
Download  HMC308 Download
File Size   262.08 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz

HMC308 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC308 Datasheet PDF - Hittite Microwave Corporation

Part # HMC308
Download  HMC308 Click to download

File Size   262.08 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz

HMC308 Datasheet (HTML) - Hittite Microwave Corporation


HMC308 Product details

General Description
The HMC308 & HMC308E are low cost MESFET MMIC amplifiers that operate from a single +3 to +5V supply from 0.8 to 3.8 GHz. The surface mount SOT26 amplifier can be used as a broadband amplifi er stage or used with external matching for optimized narrow band applications. With Vdd biased at +5V, the HMC308 & HMC308E offers 18 dB of gain and +20 dBm of saturated output power while requiring only 53 mA of current. This amplifi er is ideal as a driver amplifi er for transmitters or for use as a local oscillator (LO) amplifi er to increase drive levels for passive mixers. The amplifi er occupies 0.014 in2 (9 mm2), making it ideal for compact radio designs.

Features
   Gain: 18 dB
   P1dB Output Power: +17 dBm@ +5V
   Single Supply: +3V or +5V
   No External Components
   Integrated DC Blocks
   Ultra Small Package: SOT26

Typical Applications
Broadband or Narrow Band Applications:
• Cellular/PCS/3G
• Fixed Wireless & Telematics
• Cable Modem Termination Systems
• WLAN, Bluetooth & RFID




Similar Part No. - HMC308

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC308 HITTITE-HMC308 Datasheet
261Kb / 8P
GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
HMC308 HITTITE-HMC308 Datasheet
252Kb / 6P
GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
HMC308 HITTITE-HMC308 Datasheet
252Kb / 6P
GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
HMC308E HITTITE-HMC308E Datasheet
252Kb / 6P
GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
HMC308 HITTITE-HMC308_09 Datasheet
252Kb / 6P
GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
More results


Similar Description - HMC308

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC308 HITTITE-HMC308 Datasheet
261Kb / 8P
GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
HMC333 HITTITE-HMC333 Datasheet
249Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC491LP3 HITTITE-HMC491LP3 Datasheet
233Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
HMC450QS16G HITTITE-HMC450QS16G Datasheet
387Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 0.8 - 1.0 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC333 HITTITE-HMC333_06 Datasheet
337Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC278MS8G HITTITE-HMC278MS8G_01 Datasheet
252Kb / 6P
100 mW MEDIUM POWER GaAs MMIC AMPLIFIER, 1.7 - 3.0 GHz
HMC308 HITTITE-HMC308_09 Datasheet
252Kb / 6P
GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
HMC333 HITTITE-HMC333_08 Datasheet
224Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC450QS16G HITTITE-HMC450QS16G_09 Datasheet
282Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 0.8 - 1.0 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com