Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT85 Datasheet (PDF) - Texas Instruments

LMT85 Datasheet PDF - Texas Instruments
Part # LMT85
Download  LMT85 Download
File Size   910.51 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMT85-Q1 1.8-V, SC70, Analog Temperature Sensors

LMT85 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMT85 Datasheet PDF - Texas Instruments

Part # LMT85
Download  LMT85 Click to download

File Size   910.51 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMT85-Q1 1.8-V, SC70, Analog Temperature Sensors

LMT85 Datasheet (HTML) - Texas Instruments


LMT85 Product details

1 Features
1• LMT85-Q1 is AEC-Q100 Qualified for Automotive
Applications:
– Device Temperature Grade 0: –40°C to
+150°C
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C6
• Very Accurate: ±0.4°C Typical
• Low 1.8-V Operation
• Average Sensor Gain of -8.2 mV/°C
• Low 5.4-μA Quiescent Current
• Wide Temperature Range: –50°C to 150°C
• Output is Short-Circuit Protected
• Push-Pull Output With ±50-μA Drive Capability
• Footprint Compatible With the Industry-Standard
LM20/19 and LM35 Temperature Sensors
• Cost-Effective Alternative to Thermistors

2 Applications
• Infotainment and Cluster
• Powertrain Systems
• Smoke and Heat Detectors
• Drones
• Appliances

3 Description
The LMT85-Q1 is a precision CMOS temperature
sensor with ±0.4°C typical accuracy (±2.7°C
maximum) and a linear analog output voltage that is
inversely proportional to temperature. The 1.8-V
supply voltage operation, 5.4-μA quiescent current,
and 0.7-ms power-on time enable effective powercycling
architectures to minimize power consumption
for battery-powered applications such as drones and
sensor nodes. The LMT85-Q1 device is AEC-Q100
Grade 0 qualified and maintains ±2.7°C maximum
accuracy over the full operating temperature range
without calibration; this makes the LMT85-Q1 suitable
for automotive applications such as infotainment,
cluster, and powertrain systems. The accuracy over
the wide operating range and other features make the
LMT85-Q1 an excellent alternative to thermistors.
For devices with different average sensor gains and
comparable accuracy, refer to Comparable
Alternative Devices for alternative devices in the
LMT8x family.




Similar Part No. - LMT85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT85 TI-LMT85 Datasheet
1,020Kb / 16P
LMT85/LMT85-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85 Datasheet
1Mb / 26P
SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85 Datasheet
1Mb / 30P
SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI2-LMT85 Datasheet
1Mb / 30P
LMT84 1.5-V, SC70/TO-92/TO-92S, Analog Temperature Sensors
REVISED OCTOBER 2017
LMT85 TI2-LMT85 Datasheet
1Mb / 30P
LMT85 1.8-V, SC70/TO-92/TO-92S, Analog Temperature Sensors
REVISED OCTOBER 2017
More results


Similar Description - LMT85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT84 TI-LMT84 Datasheet
978Kb / 16P
LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85 Datasheet
1,020Kb / 16P
LMT85/LMT85-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86 Datasheet
1,013Kb / 16P
LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87 Datasheet
1,019Kb / 16P
LMT87 LMT87-Q1 SC70 Analog Temperature Sensors with Class-AB Output
LMT84DCKR TI-LMT84DCKR Datasheet
946Kb / 16P
LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84-Q1 TI1-LMT84-Q1 Datasheet
978Kb / 16P
LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT87QDCKRQ1 TI1-LMT87QDCKRQ1 Datasheet
988Kb / 16P
LMT87/LMT87-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86DCKT TI1-LMT86DCKT Datasheet
982Kb / 16P
LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
SC70/TO-92, Analog Temperature Sensors with Class-AB Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com