Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT85 Datasheet (PDF) - Texas Instruments

LMT85 Datasheet PDF - Texas Instruments
Part # LMT85
Download  LMT85 Download
File Size   1150.72 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMT84 1.5-V, SC70/TO-92/TO-92S, Analog Temperature Sensors

LMT85 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMT85 Datasheet PDF - Texas Instruments

Part # LMT85
Download  LMT85 Click to download

File Size   1150.72 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMT84 1.5-V, SC70/TO-92/TO-92S, Analog Temperature Sensors

LMT85 Datasheet (HTML) - Texas Instruments


LMT85 Product details

1 Features
1• LMT84LPG (TO-92S package) has a Fast
Thermal Time Constant, 10-s Typical (1.2 m/s
Airflow)
• Very Accurate: ±0.4°C Typical
• Low 1.5-V Operation
• Average Sensor Gain of -5.5 mV/°C
• Low 5.4-μA Quiescent Current
• Wide Temperature Range: –50°C to 150°C
• Output is Short-Circuit Protected
• Push-Pull Output With ±50-μA Drive Capability
• Footprint Compatible With the Industry-Standard
LM20/19 and LM35 Temperature Sensors
• Cost-Effective Alternative to Thermistors

2 Applications
• Infotainment and Cluster
• Powertrain Systems
• Smoke and Heat Detectors
• Drones
• Appliances

3 Description
The LMT84 is a precision CMOS temperature sensor
with ±0.4°C typical accuracy (±2.7°C maximum) and
a linear analog output voltage that is inversely
proportional to temperature. The 1.5-V supply voltage
operation, 5.4-μA quiescent current, and 0.7-ms
power-on time enable effective power-cycling
architectures to minimize power consumption for
battery-powered applications such as drones and
sensor nodes. The LMT84LPG through-hole TO-92S
package fast thermal time constant supports offboard
time-temperature sensitive applications such
as smoke and heat detectors. The accuracy over the
wide operating range and other features make the
LMT84 an excellent alternative to thermistors.
For devices with different average sensor gains and
comparable accuracy, refer to Comparable
Alternative Devices for alternative devices in the
LMT8x family.




Similar Part No. - LMT85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT85 TI-LMT85 Datasheet
1,020Kb / 16P
LMT85/LMT85-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85 Datasheet
1Mb / 26P
SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85 Datasheet
1Mb / 30P
SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI2-LMT85 Datasheet
910Kb / 23P
LMT85-Q1 1.8-V, SC70, Analog Temperature Sensors
OCTOBER 2017
LMT85 TI2-LMT85 Datasheet
1Mb / 30P
LMT85 1.8-V, SC70/TO-92/TO-92S, Analog Temperature Sensors
REVISED OCTOBER 2017
More results


Similar Description - LMT85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT84 TI-LMT84 Datasheet
978Kb / 16P
LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84DCKR TI-LMT84DCKR Datasheet
946Kb / 16P
LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84-Q1 TI1-LMT84-Q1 Datasheet
978Kb / 16P
LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87_017 TI1-LMT87_017 Datasheet
1Mb / 29P
2.7-V, SC70/TO-92/TO-92S, Analog Temperature Sensors With Class-AB Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com