Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2966 Datasheet (PDF) - Texas Instruments

LP2966 Datasheet PDF - Texas Instruments
Part # LP2966
Download  LP2966 Download
File Size   972.42 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 150mA Ultra Low-Dropout Regulator

LP2966 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2966 Datasheet PDF - Texas Instruments

Part # LP2966
Download  LP2966 Click to download

File Size   972.42 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 150mA Ultra Low-Dropout Regulator

LP2966 Datasheet (HTML) - Texas Instruments


LP2966 Product details

1FEATURES
2• Ultra Low Drop-Out Voltage
• Low Ground Pin Current
• <1μA Quiescent Current in Shutdown Mode
• Independent Shutdown of Each LDO Regulator
• Output Voltage Accuracy ±1%
• Ensured 150mA Output Current at Each
Output
• Low Output Noise
• Error Flags Indicate Status of Each Output
• Available in VSSOP-8 Surface Mount Package
• Low Output Capacitor Requirements (1μF)
• Operates with Low ESR Ceramic Capacitors in
Most Applications
• Over Temperature/Over Current Protection
• -40°C to +125°C Junction Temperature Range

APPLICATIONS
• Cellular and Wireless Applications
• Palmtop/Laptop Computer
• GPS Systems
• Flat Panel Displays
• Post Regulators
• USB Applications
• Hand Held Equipment and Multimeters
• Wireless Data Terminals
• Other Battery Powered Applications

KEY SPECIFICATIONS
• Dropout Voltage: Varies Linearly with Load
Current. Typically 0.9 mV at 1mA Load Current
and 135mV at 150mA Load Current
• Ground Pin Current: Typically 300μA at 1mA
Load Current and 340μA at 100mA Load
Current (with One Shutdown Pin Pulled Low)
• Shutdown Mode: Less than 1μA Quiescent
Current when Both Shutdown Pins are Pulled
Low
• Error Flag: Open Drain Output, Goes Low
when the Corresponding Output Drops 10%
Below Nominal
• Precision Output Voltage: Multiple Output
Voltage Options Available Ranging from 1.8V
to 5.0V with an Ensured Accuracy of ±1% at
Room Temperature

DESCRIPTION
The LP2966 dual ultra low-dropout (LDO) regulator
operates from a +2.70V to +7.0V input supply. Each
output delivers 150mA over full temperature range.
The IC operates with extremely low drop-out voltage and quiescent current, which makes it very suitable
for battery powered and portable applications. Each
LDO in the LP2966 has independent shutdown
capability. The LP2966 provides low noise
performance with low ground pin current in an
extremely small VSSOP-8 package (refer to package
dimensions and CONNECTION DIAGRAM for more
information on VSSOP-8 package). A wide range of
preset voltage options are available for each output.
In addition, many more are available upon request
with minimum orders. In all, 256 voltage combinations
are possible.




Similar Part No. - LP2966

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966 TI-LP2966 Datasheet
1Mb / 21P
Dual 150mA Ultra Low-Dropout Regulator
LP2966 TI-LP2966 Datasheet
1Mb / 22P
Dual 150mA Ultra Low-Dropout Regulator
logo
National Semiconductor ...
LP2966EP NSC-LP2966EP Datasheet
516Kb / 15P
Enhanced Plastic Dual 150mA Ultra Low-Dropout Regulator
LP2966IMM-1818 NSC-LP2966IMM-1818 Datasheet
456Kb / 15P
Dual 150mA Ultra Low-Dropout Regulator
More results


Similar Description - LP2966

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
Dual 150mA Ultra Low-Dropout Regulator
logo
Semtech Corporation
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Semtech Corporation
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
Dual 150mA Ultra Low Dropout, Low Noise Regulator
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_07 Datasheet
404Kb / 10P
150mA Ultra Low Dropout Voltage Regulator
logo
National Semiconductor ...
LP2966EP NSC-LP2966EP Datasheet
516Kb / 15P
Enhanced Plastic Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966IMMX-3325 TI-LP2966IMMX-3325 Datasheet
1Mb / 21P
Dual 150mA Ultra Low-Dropout Regulator
LP2966 TI-LP2966_15 Datasheet
1Mb / 22P
Dual 150mA Ultra Low-Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com