Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2966 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP2966
Description  Dual 150mA Ultra Low-Dropout Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2966 Datasheet(HTML) 4 Page - Texas Instruments

  LP2966 Datasheet HTML 1Page - Texas Instruments LP2966 Datasheet HTML 2Page - Texas Instruments LP2966 Datasheet HTML 3Page - Texas Instruments LP2966 Datasheet HTML 4Page - Texas Instruments LP2966 Datasheet HTML 5Page - Texas Instruments LP2966 Datasheet HTML 6Page - Texas Instruments LP2966 Datasheet HTML 7Page - Texas Instruments LP2966 Datasheet HTML 8Page - Texas Instruments LP2966 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LP2966
SNVS028E – APRIL 2000 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for Tj = 25°C, and limits in boldface type apply over the full operating junction temperature
range. Unless otherwise specified, VIN = VO(NOM) + 1V
(1), C
OUT = 1µF, IOUT = 1mA, CIN = 1µF, VSD1 = VSD2 = VIN.
LP2966IMM(3)
Symbol
Parameter
Conditions
Typ(2)
Unit
Min
Max
Vo
(4)
Output Voltage
VOUT + 1V < VIN < 7.0V
0.0
−1
1
%VNOM
Tolerance
-3
3
1mA < IL < 100mA
0.0
−1.5
1.5
%VNOM
-3.5
3.5
ΔVO/ΔVIN
(4) (5)
Output Voltage Line
0.1
mV/V
Regulation
ΔVO/ΔIOUT
Output Voltage Load
1mA < IL< 100mA
(6)
0.1
mV/mA
Regulation(6)
ΔVO2/ΔIOUT1
Output Voltage Cross
1mA < IL1< 100mA
(7)
0.0004
mV/mA
Regulation(7)
VIN -VOUT
Dropout Voltage(8)
IL = 1mA
0.9
2.0
3.0
IL = 100mA
90
130
mV
180
IL = 150mA
135
195
270
IGND(1,0)
(9)
Ground Pin Current
IL = 1mA
300
(One LDO On)
VSD2 ≤ 0.1V, VSD1= VIN
µA
IL = 100mA
340
VSD2 ≤ 0.1V, VSD1= VIN
IGND(1,1)
Ground Pin Current
IL = 1mA
340
450
(Both LDOs On)
500
µA
IL = 100mA
420
540
600
IGND(0,0)
Ground Pin Current in
VSD1= VSD2 ≤ 0.1V
0.006
0.3
µA
Shutdown Mode
10
IO(PK)
Peak Output Current
See(10)
500
350
mA
VOUT≥ VOUT(NOM)- 5%
150
Short Circuit Foldback Protection
IFB
Short Circuit Foldback
See(10)(11)
600
mA
Knee
(1)
The condition VIN = VO(NOM) + 1V applies when Vout1 = Vout2. If Vout1 ≠ Vout2, then this condition would apply to the output which is
greater in value. As an example, if Vout1 = 3.3V and Vout2 = 5V, then the condition VIN = VO(NOM)+ 1V would apply to Vout2 only.
(2)
:Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
:Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation using
Statistical Quality Control (SQC) methods. The limits are used to calculate Averaging Outgoing Quality Level (AOQL).
(4)
Output voltage tolerance specification also includes the line regulation and load regulation.
(5)
Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in input line voltage.
(6)
Output voltage load regulation is defined as the change in output voltage from the nominal value when the load current changes from
1mA to 100mA.
(7)
Output voltage cross regulation is defined as the percentage change in the output voltage from the nominal value at one output when
the load current changes from 1mA to full load in the other output. This is an important parameter in multiple output regulators. The
specification for
ΔVO1/ΔIOUT2 is equal to the specification for ΔVO2/ΔIOUT1.
(8)
Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV below the nominal value. Drop-out
voltage specification applies only to output voltages greater than 2.7V. For output voltages below 2.7V, the drop-out voltage is nothing
but the input to output differential, since the minimum input voltage is 2.7V.
(9)
The limits for the ground pin current specification, IGND(0,1) will be same as the limits for the specification, IGND(1,0).
(10) At elevated temperatures, devices must be derated based on package thermal resistance. The device in the surface-mount package
must be derated at
θjA = 235°C/W, junction-to-ambient. Please refer to APPLICATIONS INFORMATION: Maximum Current Capability
for further information. The device has internal thermal protection.
(11) LP2966 has fold back current limited short circuit protection. The knee is the current at which the output voltage drops 10% below the
nominal value.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP2966



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com