Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4951CM/NOPB Datasheet (PDF) - Texas Instruments

LP4951CM/NOPB Datasheet PDF - Texas Instruments
Part # LP4951CM/NOPB
Download  LP4951CM/NOPB Download
File Size   902.14 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP4950C-5V and LP4951C Adjustable Micropower Voltage Regulators

LP4951CM/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LP4951CM/NOPB Datasheet PDF - Texas Instruments

Part # LP4951CM/NOPB
Download  LP4951CM/NOPB Click to download

File Size   902.14 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP4950C-5V and LP4951C Adjustable Micropower Voltage Regulators

LP4951CM/NOPB Datasheet (HTML) - Texas Instruments


LP4951CM/NOPB Product details

1FEATURES
2• High Accuracy 5V Specified 100mA Output
• Extremely Low Quiescent Current
• Low Dropout Voltage
• Extremely Tight Load and Line Regulation
• Very Low Temperature Coefficient
• Use as Regulator or Reference
• Needs Only 1μF for Stability
• Current and Thermal Limiting

LP4951C VERSIONS ONLY
• Error Flag Warns of Output Dropout
• Logic-controlled Electronic Shutdown
• Output Pogrammable From 1.24 to 29V

DESCRIPTION
The LP4950C and LP4951C are micropower voltage
regulators with very low quiescent current (75μA typ.)
and very low dropout voltage (typ. 40mV at light loads
and 380mV at 100mA). They are ideally suited for
use in battery-powered systems. Furthermore, the
quiescent current of the LP4950C/LP4951C increases only slightly in dropout, prolonging battery
life.
The LP4950C in the popular 3-pin TO-92 package is
pin compatible with older 5V regulators. The 8-lead
LP4951C is available in a plastic surface mount
package and offers additional system functions.
One such feature is an error flag output which warns
of a low output voltage, often due to falling batteries
on the input. It may be used for a power-on reset. A
second feature is the logic-compatible shutdown input
which enables the regulator to be switched on and
off. Also, the part may be pin-strapped for a 5V
output or programmed from 1.24V to 29V with an
external pair of resistors.
Careful design of the LP4950C/LP4951C has
minimized all contributions to the error budget. This
includes a tight initial tolerance (.5% typ.), extremely
good load and line regulation (.05% typ.) and a very
low output voltage temperature coefficient, making
the part useful as a low-power voltage reference.




Similar Part No. - LP4951CM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP4951CM/NOPB TI1-LP4951CM/NOPB Datasheet
1Mb / 21P
LP4950C-5V and LP4951C Adjustable Micropower Voltage Regulators
More results


Similar Description - LP4951CM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2950 NSC-LP2950 Datasheet
1Mb / 26P
Series of Adjustable Micropower Voltage Regulators
LP2954 NSC-LP2954 Datasheet
336Kb / 13P
5V and Adjustable Micropower Low-Dropout Voltage Regulators
LP4950C-5V NSC-LP4950C-5V Datasheet
436Kb / 14P
Adjustable Micropower Voltage Regulators
LP2951 NSC-LP2951 Datasheet
271Kb / 16P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
logo
Texas Instruments
LP2950 TI-LP2950_08 Datasheet
2Mb / 25P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
logo
National Semiconductor ...
LP4950C-5V NSC-LP4950C-5V_05 Datasheet
850Kb / 14P
Adjustable Micropower Voltage Regulators
logo
Texas Instruments
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
Adjustable Micropower Voltage Regulators
LP2954IS TI-LP2954IS Datasheet
1Mb / 24P
LP2954/LP2954A 5V and Adjustable Micropower Low-Dropout Voltage Regulators
LP2954A TI-LP2954A_15 Datasheet
1Mb / 24P
LP2954/LP2954A 5V and Adjustable Micropower Low-Dropout Voltage Regulators
LP4950C-5V TI1-LP4950C-5V Datasheet
1Mb / 21P
LP4950C-5V and LP4951C Adjustable Micropower Voltage Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com