Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4951CM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LP4951CM/NOPB
Description  LP4950C-5V and LP4951C Adjustable Micropower Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP4951CM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LP4951CM/NOPB Datasheet HTML 1Page - Texas Instruments LP4951CM/NOPB Datasheet HTML 2Page - Texas Instruments LP4951CM/NOPB Datasheet HTML 3Page - Texas Instruments LP4951CM/NOPB Datasheet HTML 4Page - Texas Instruments LP4951CM/NOPB Datasheet HTML 5Page - Texas Instruments LP4951CM/NOPB Datasheet HTML 6Page - Texas Instruments LP4951CM/NOPB Datasheet HTML 7Page - Texas Instruments LP4951CM/NOPB Datasheet HTML 8Page - Texas Instruments LP4951CM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LP4950C-5V, LP4951C
SNVS208C – SEPTEMBER 2002 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
LP4951C
Parameter
Conditions (1)
Typ
Tested Limit
Design Limit
Units
(2)
(3)
8-PIN VERSIONS ONLY
Reference Voltage
1.235
1.285
V max
1.295
V max
1.185
V min
1.165
Vmin
Reference Voltage
(4)
1.335
V max
1.135
V min
Feedback Pin Bias Current
20
40
nA max
60
nA max
Reference Voltage
(5)
50
ppm/°C
Temperature Coefficient
Feedback Pin Bias Current
0.1
nA/°C
Temperature Coefficient
Error Comparator
Output Leakage Current
VOH = 30V
0.01
1
μA max
2
μA max
Output Low Voltage
VIN = 4.5V
150
250
mV max
IOL = 400μA
400
mV max
Upper Threshold Voltage
(3)
60
40
mV min
25
mV min
Lower Threshold Voltage
(6)
75
95
mV max
140
mV max
Hysteresis
(6)
15
mV
Shutdown Input
Input Logic Voltage
1.3
V
Low (Regulator ON)
0.7
V max
High (Regulator OFF)
2.0
V min
Shutdown Pin Input Current
VSHUTDOWN = 2.4V
30
50
μA max
100
μA max
VSHUTDOWN = 30V
450
600
μA max
750
μA max
Regulator Output Current in
(7)
3
10
μA max
Shutdown
20
μA max
(1)
Unless otherwise noted all limits specified for VIN = 6V, IL = 100μA and CL = 1μF. Limits appearing in boldface type apply over the
entire junction temperature range for operation. Limits appearing in normal type apply for TA = TJ = 25°C. Additional conditions for the 8-
pin versions are FEEDBACK tied to VTAP, OUTPUT tied to SENSE (VOUT = 5V), and VSHUTDOWN ≤ 0.8V.
(2)
Specified and 100% production tested.
(3)
Specified but not 100% production tested. These limits are not used to calculate outgoing AQL levels.
(4)
VREF ≤ VOUT ≤ (VIN − 1V), 2.3V ≤ VIN ≤ 30V, 100μA ≤ IL ≤ 100mA, TJ ≤ TJMAX.
(5)
Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
(6)
Comparator thresholds are expressed in terms of a voltage differential at the Feedback terminal below the nominal reference voltage
measured at VIN = 6V. To express these thresholds in terms of output voltage change, multiply by the error amplifier gain = VOUT/VREF =
(R1 + R2)/R2.For example, at a programmed output voltage of 5V, the Error output is specified to go low when the output drops by 95
mV × 5V/1.235V = 384 mV. Thresholds remain constant as a percent of VOUT as VOUT is varied, with the dropout warning occurring at
typically 5% below nominal, 7.5% specified.
(7)
VSHUTDOWN ≥ 2V, VIN ≤ 30V, VOUT = 0, Feedback pin tied to VTAP.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LP4950C-5V LP4951C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com