Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4951CM/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LP4951CM/NOPB
Description  LP4950C-5V and LP4951C Adjustable Micropower Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP4951CM/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP4951CM/NOPB Datasheet HTML 7Page - Texas Instruments LP4951CM/NOPB Datasheet HTML 8Page - Texas Instruments LP4951CM/NOPB Datasheet HTML 9Page - Texas Instruments LP4951CM/NOPB Datasheet HTML 10Page - Texas Instruments LP4951CM/NOPB Datasheet HTML 11Page - Texas Instruments LP4951CM/NOPB Datasheet HTML 12Page - Texas Instruments LP4951CM/NOPB Datasheet HTML 13Page - Texas Instruments LP4951CM/NOPB Datasheet HTML 14Page - Texas Instruments LP4951CM/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LP4950C-5V, LP4951C
www.ti.com
SNVS208C – SEPTEMBER 2002 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
.
Thermal Response
Figure 35.
APPLICATION HINTS
EXTERNAL CAPACITORS
A 1.0
μF (or greater) capacitor is required between the output and ground for stability at output voltages of 5V or
more. At lower output voltages, more capacitance is required. Without this capacitor the part will oscillate. Most
types of tantalum or aluminum electrolytics work fine here; even film types work but are not recommended for
reasons of cost. Many aluminum electrolytics have electrolytes that freeze at about
−30°C, so solid tantalums are
recommended for operation below
−25°C. The important parameters of the capacitor are an ESR of about 5 Ω or
less and a resonant frequency above 500 kHz. The value of this capacitor may be increased without limit.
At lower values of output current, less output capacitance is required for stability. The capacitor can be reduced
to 0.33
μF for currents below 10 mA or 0.1 μF for currents below 1 mA. Using the 8-pin version at voltages below
5V runs the error amplifier at lower gains so that more output capacitance is needed. For the worst-case situation
of a 100 mA load at 1.23V output (Output shorted to Feedback) a 3.3
μF (or greater) capacitor should be used.
Unlike many other regulators, the LP4950C will remain stable and in regulation with no load in addition to the
internal voltage divider. This is especially important in CMOS RAM keep-alive applications. When setting the
output voltage of the LP4951C version with external resistors, a minimum load of 1
μA is recommended.
A 0.1
μF capacitor should be placed from the LP4950C/LP4951C input to ground if there is more than 10 inches
of wire between the input and the AC filter capacitor or if a battery is used as the input.
Stray capacitance to the LP4951C Feedback terminal (pin 7) can cause instability. This may especially be a
problem when using high value external resistors to set the output voltage. Adding a 100pF capacitor between
Output and Feedback and increasing the output capacitor to at least 3.3
μF will fix this problem.
ERROR DETECTION COMPARATOR OUTPUT
The comparator produces a logic low output whenever the LP4951C output falls out of regulation by more than
approximately 5%. This figure is the comparator's built-in offset of about 60 mV divided by the 1.235 reference
voltage. (See to the block diagram in the front of the datasheet.) This trip level remains “5% below normal”
regardless of the programmed output voltage of the 4951C. For example, the error flag trip level is typically
4.75V for a 5V output or 11.4V for a 12V output. The out of regulation condition may be due either to low input
voltage, current limiting, or thermal limiting.
Figure 36 below gives a timing diagram depicting the ERROR signal and the regulated output voltage as the
LP4951C input is ramped up and down. The ERROR signal becomes valid (low) at about 1.3V input. It goes high
at about 5V input (the input voltage at which VOUT = 4.75V). Since the LP4951C's dropout voltage is load-
dependent (see curve in typical performance characteristics), the input voltage trip point (about 5V) will vary with
the load current. The output voltage trip point (approx. 4.75V) does not vary with load.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP4950C-5V LP4951C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com