Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5562TMX/NOPB Datasheet (PDF) - Texas Instruments

LP5562TMX/NOPB Datasheet PDF - Texas Instruments
Part # LP5562TMX/NOPB
Download  LP5562TMX/NOPB Download
File Size   843.86 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control

LP5562TMX/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5562TMX/NOPB Datasheet PDF - Texas Instruments

Part # LP5562TMX/NOPB
Download  LP5562TMX/NOPB Click to download

File Size   843.86 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control

LP5562TMX/NOPB Datasheet (HTML) - Texas Instruments


LP5562TMX/NOPB Product details

1 Features
1• Four Independently Programmable LED Outputs
With 8-Bit Current Setting (From 0 mA to 25.5 mA
With 100-μA Steps) and 8-Bit PWM Control
• Typical LED Output Saturation Voltage 60 mV and
Current Matching 1%
• Flexible PWM Control for LED Outputs
• Automatic Power-Save Mode With External Clock
• Three Program Execution Engines With Flexible
Instruction Set
• Autonomous Operation With Program Execution
Engines
• SRAM Program Memory for Lighting Pattern
Programs
• DSBGA 12-Pin Package, 0.4-mm Pitch

2 Applications
• Fun Lights
• Indicator Lights
• Keypad RGB Backlighting and Phone Cosmetics

3 Description
The LP5562 is a four-channel LED driver designed to
produce variety of lighting effects. The device has a
program memory for creating variety of lighting
sequences. When the program memory has been
loaded, the LP5562 can operate independently
without processor control.
The LP5562 is able to automatically enter power save
mode, when LED outputs are not active and thus
lowering current consumption.
Four independent LED channels have accurate
programmable current sinks, from 0 mA to 25.5 mA
with 100-μA steps and flexible PWM control. Each
channel can be configured into each of the three
program execution engines. Program execution
engines have program memory for creating desired
lighting sequences with PWM control.
The LP5562 has four pin-selectable I2C addresses.
This allows connecting up to four parallel devices in
one I2C bus. The device requires only one small, lowcost
ceramic capacitor.




Similar Part No. - LP5562TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5562TMX/NOPB TI1-LP5562TMX/NOPB Datasheet
1Mb / 52P
Programmable Lighting Sequences
More results


Similar Description - LP5562TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97686IRTZ INTERSIL-ISL97686IRTZ Datasheet
1Mb / 23P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97901 INTERSIL-ISL97901 Datasheet
141Kb / 2P
RGB Buck-Boost Four-Channel LED Driver with Color Sequencing and Automatic White Balance
June 29, 2012
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
logo
Renesas Technology Corp
ISL97901 RENESAS-ISL97901 Datasheet
209Kb / 2P
RGB Buck-Boost Four-Channel LED Driver with Color Sequencing and Automatic White Balance
logo
Kinetic Technologies.
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
KTD2682 KINETIC-KTD2682 Datasheet
105Kb / 2P
Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2683B KINETIC-KTD2683B Datasheet
106Kb / 2P
Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2684 KINETIC-KTD2684 Datasheet
105Kb / 2P
Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2686 KINETIC-KTD2686 Datasheet
101Kb / 2P
Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2688 KINETIC-KTD2688 Datasheet
109Kb / 2P
Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com