Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5562TMX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LP5562TMX/NOPB
Description  LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5562TMX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5562TMX/NOPB Datasheet HTML 4Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 5Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 6Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 7Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 8Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 9Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 10Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 11Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
100
200
300
400
500
600
700
Measurement number
Input current, internal clock,
powersave mode, 1 LED
C004
0
0.1
0.2
0.3
0.4
0.5
0
100
200
300
400
500
600
700
Measurement number
Input current, external clock,
powersave, 1 LED
C006
0
0.2
0.4
0.6
0.8
1
1.2
0
100
200
300
400
500
600
700
Measurement number
Input current, internal clock,
powersave mode
C003
0
0.2
0.4
0.6
0.8
1
1.2
0
100
200
300
400
500
600
700
Measurement number
Input current, external clock,
powersave mode
C002
0
10
20
30
40
50
0
100
200
300
400
500
600
700
Measurement number
Input current, external clock
C001
0
10
20
30
40
50
0
100
200
300
400
500
600
700
Measurement number
Input current, internal clock
C005
8
LP5562
SNVS820B – APRIL 2013 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LP5562
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
6.9 Typical Characteristics: Current Consumption
Unless otherwise specified: VDD = 3.6 V, VEN = 3.3 V. Here are presented input current consumption measurements. Current
consumption is measured during a LED blink program execution. Program code sets every LED output to full PWM value for
2 seconds and then PWM is set to 0 for 2 seconds. This is looped endlessly. 750 measurements are taken during one
measurement cycle.
Figure 3. Input Current Consumption in Normal Mode With
External Clock Running. 4 LEDs (RGBW) Set as Load. Every
LED Driver Current Value Is Set to 10 mA.
Figure 4. Input Current Consumption in Normal Mode With
Internal Clock Running. 4 LEDs (RGBW) set as Load. Every
LED Driver Current Value is Set to 10 mA .
Figure 5. Input Current Consumption in Power Save Mode
With External Clock Running, no LEDs as Load. All 4 LED
Drivers are Enabled During Program Execution.
Figure 6. Input Current Consumption in Power Save Mode
With Internal Clock Running, no LEDs as Load. All 4 LED
Drivers are Enabled During Program Execution.
Figure 7. Input Current Consumption in Power Save Mode
With External Clock Running, no LEDs as Load. Only 1 LED
Driver is Enabled During Program Execution.
Figure 8. Input Current Consumption in Power Save Mode
With Internal Clock Running, no LEDs as Load. Only 1 LED
Driver is Enabled During Program Execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com