Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5562TMX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LP5562TMX/NOPB
Description  LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5562TMX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5562TMX/NOPB Datasheet HTML 12Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 13Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 14Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 15Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 16Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 17Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 18Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 19Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
16
LP5562
SNVS820B – APRIL 2013 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LP5562
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
–
When engine 1 is in Direct control mode, the engine 1 PWM output is controlled by B PWM I2C register
(02h).
–
When engine 2 is in Direct control mode, the engine 2 PWM output is controlled by G PWM I2C register
(03h).
–
When engine 3 is in Direct control mode, the engine 3 PWM output is controlled by R PWM I2C register
(04h).
7.3.3.3 Program Execution Engine Program Counter (PC)
Program execution engine Program Counter tells the current program code command, which engine is executing.
By setting the program counter value before starting the engine execution, user can set the starting point of the
program execution.
Table 8. Engine1 PC Register (09h), Engine2 PC
Register (0Ah), Engine3 PC Register (0Bh)
NAME
BIT
DESCRIPTION
PC
3:0
Program counter value from 0 to 15d
7.3.3.4 Program Execution Engine Programming Commands
The LP5562 has three independent programmable engines (1, 2, 3). Trigger connections between engines are
common for all engines. All engines have own program memory sections for storing LED lighting patterns.
Brightness control and patterns are done with 8-bit PWM control (256 steps) to get accurate and smooth color
control. Program execution is timed with a 32.7-kHz clock. This clock can be generated internally or an external
32-kHz clock can be connected to the CLK_32K pin. Using an external clock enables synchronization of LED
timing to this clock rather than an internal clock. Selection of the clock is made with address 08H bits
INT_CLK_EN and CLK_DET_EN. See External Clock for details. Supported commands are listed in Table 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com