Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5562TMX/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LP5562TMX/NOPB
Description  LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5562TMX/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP5562TMX/NOPB Datasheet HTML 15Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 16Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 17Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 18Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 19Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 20Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 21Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 22Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
19
LP5562
www.ti.com
SNVS820B – APRIL 2013 – REVISED DECEMBER 2016
Product Folder Links: LP5562
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
7.3.3.4.2
Set PWM
Set PWM output value from 0 to 255. Command takes sixteen 32-kHz clock cycles (= 488 μs). Setting register
00h bit LOG_EN sets the scale from linear to logarithmic.
Table 12. Set PWM Command Bits
Set PWM command
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
1
0
0
0
0
0
0
PWM value
7.3.3.4.3
Go-to-Start
Go-to-start command resets the Program Counter register and continues executing program from the 00h
location. Command takes sixteen 32-kHz clock cycles. Note that default value for all program memory registers
is 0000h, which is Go-to-Start command.
Table 13. Go-to-Start Command Bits
Go-to-Start command
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
(1)
X means do not care whether 1 or 0
7.3.3.4.4
Branch
When branch command is executed, the 'step number' value is loaded to PC, and program execution continues
from this location. Looping is done by the number defined in loop count parameter. Nested looping is supported
(loop inside loop). The number of nested loops is not limited. Command takes sixteen 32-kHz clock cycles.
Table 14. Branch Command (1)
Branch command
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1
0
1
Loop count
X
X
X
Step number
Table 15. Branch Command Bits
NAME
VALUE
DESCRIPTION
loop count
0-63
The number of loops to be done. 0 means infinite loop.
step number
0-15
The step number to be loaded to program counter.
(1)
X means do not care whether 1 or 0.
7.3.3.4.5
End
End program execution resets the program counter and sets the corresponding EXEC register to 00b (hold).
Command takes sixteen 32 kHz clock cycles.
Table 16. End Command (1)
End command
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1
1
0
int
reset
X
X
X
X
X
X
X
X
X
X
X
Table 17. End Command Bits
NAME
VALUE
DESCRIPTION
int
0
No interrupt will be sent.
1
Send interrupt by setting corresponding status register bit high to
notify that program has ended. Interrupt can only be cleared by
reading interrupt status register 0Ch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com