Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5562TMX/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Part # LP5562TMX/NOPB
Description  LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5562TMX/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP5562TMX/NOPB Datasheet HTML 26Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 27Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 28Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 29Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 30Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 31Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 32Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 33Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
30
LP5562
SNVS820B – APRIL 2013 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LP5562
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
7.6 Register Maps
Table 26. LP5562 Control Register Names and Default Values
ADDR
(HEX)
REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
00
ENABLE
LOG_EN
CHIP_EN
ENG1_EXEC[1:0]
ENG2_EXEC[1:0]
ENG3_EXEC[1:0]
0000 0000
01
OP MODE
ENG1_MODE[1:0]
ENG2_MODE[1:0]
ENG3_MODE[1:0]
0000 0000
02
B PWM
B_PWM[7:0]
0000 0000
03
G PWM
G_PWM[7:0]
0000 0000
04
R PWM
R_PWM[7:0]
0000 0000
05
B CURRENT
B_CURRENT[7:0]
1010 1111
06
G CURRENT
G_CURRENT[7:0]
1010 1111
07
R CURRENT
R_CURRENT[7:0]
1010 1111
08
CONFIG
PWM_HF
PS_EN
CLK_DET_EN
INT_CLK_E N
0000 0000
09
ENG1 PC
ENG1_PC[3:0]
0000 0000
0A
ENG2 PC
ENG2_PC[3:0]
0000 0000
0B
ENG3 PC
ENG3_PC[3:0]
0000 0000
0C
STATUS
EXT_CLK_US
ED
ENG1_INT
ENG2_INT
ENG3_INT
0000 0000
0D
RESET
RESET[7:0]
0000 0000
0E
W PWM
W_PWM[7:0]
00000000
0F
W CURRENT
W_CURRENT[7:0]
10101111
70
LED MAP
W_ENG_SEL
R_ENG_SEL
G_ENG_SEL
B_ENG_SEL
00111001
10
PROG MEM
ENG1
CMD_1_ENG1[15:8]
0000 0000
11
PROG MEM
ENG1
CMD_1_ENG1[7:0]
0000 0000
...
2E
PROG MEM
ENG1
CMD_16_ENG1[15:8]
0000 0000
2F
PROG MEM
ENG1
CMD_16_ENG1[7:0]
0000 0000
30
PROG MEM
ENG2
CMD_1_ENG2[15:8]
0000 0000
31
PROG MEM
ENG2
CMD_1_ENG2[7:0]
0000 0000
...
4E
PROG MEM
ENG2
CMD_16_ENG2[15:8]
0000 0000
4F
PROG MEM
ENG2
CMD_16_ENG2[7:0]
0000 0000
50
PROG MEM
ENG3
CMD_1_ENG3[15:8]
0000 0000
51
PROG MEM
ENG3
CMD_1_ENG3[7:0]
0000 0000
...
6E
PROG MEM
ENG3
CMD_16_ENG3[15:8]
0000 0000
6F
PROG MEM
ENG3
CMD_16_ENG3[7:0]
0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com