Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8340 Datasheet (PDF) - Texas Instruments

LP8340 Datasheet PDF - Texas Instruments
Part # LP8340
Download  LP8340 Download
File Size   873.65 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator

LP8340 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP8340 Datasheet PDF - Texas Instruments

Part # LP8340
Download  LP8340 Click to download

File Size   873.65 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator

LP8340 Datasheet (HTML) - Texas Instruments


LP8340 Product details

1FEATURES
2• ±1.5% Typical VOUT Tolerance
• 420mV Typical Dropout @ 1.0A (VO = 5V)
• Wide Operating Range 2.7V to 10V
• Internal 1.0A PMOS Output Transistor
• 19μA Typical Quiescent Current
• Thermal Overload Limiting
• Foldback Current Limiting
• Zener Trimmed Bandgap Reference
• Space Saving WSON package
• Temperature Range
– LP8340C 0°C to 125°C
– LP8340I −40°C to 125°C

APPLICATIONS
• Hard Disk Drives
• Notebook Computers
• Battery Powered Electronics
• Portable Instrumentation

DESCRIPTION
The LP8340 low-dropout CMOS linear regulator is
available in 5V, 3.3V, 2.5V, 1.8V and adjustable
output versions. Packaged in the 6ld WSON package
and 3ld PFM. The LP8340 can deliver up to 1.0A
output current.
Typical dropout voltage is 420mV at 1.0A for the 5.0V
version, 540mV at 1.0A for the 3.3V version, 670mV
at 1.0A for the 2.5V version and 680mV at 800mA for
the 1.8V version.
The LP8340 includes a zener trimmed bandgap
voltage reference, foldback current limiting and
thermal overload limiting.
The LP8340 features a PMOS output transistor which
unlike PNP type low dropout regulators requires no
base drive current. This allows the device ground
current to remain less than 50μA over operating
temperature, supply voltage and irrespective of the
load current.




Similar Part No. - LP8340

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8340 NSC-LP8340 Datasheet
304Kb / 14P
Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
logo
Texas Instruments
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
logo
National Semiconductor ...
LP8340C NSC-LP8340C Datasheet
304Kb / 14P
Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
LP8340CDT-1.8 NSC-LP8340CDT-1.8 Datasheet
304Kb / 14P
Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
LP8340CDT-2.5 NSC-LP8340CDT-2.5 Datasheet
304Kb / 14P
Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
More results


Similar Description - LP8340

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8340 NSC-LP8340 Datasheet
304Kb / 14P
Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
1.0A LOW DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
logo
Texas Instruments
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
logo
ON Semiconductor
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
1.0A LOW DROPOUT LINEAR REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com