Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8340 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP8340
Description  LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8340 Datasheet(HTML) 2 Page - Texas Instruments

  LP8340 Datasheet HTML 1Page - Texas Instruments LP8340 Datasheet HTML 2Page - Texas Instruments LP8340 Datasheet HTML 3Page - Texas Instruments LP8340 Datasheet HTML 4Page - Texas Instruments LP8340 Datasheet HTML 5Page - Texas Instruments LP8340 Datasheet HTML 6Page - Texas Instruments LP8340 Datasheet HTML 7Page - Texas Instruments LP8340 Datasheet HTML 8Page - Texas Instruments LP8340 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
VIN
1
GND
2
N/C
3
5
VOUT
Sense
6
VIN
4
VOUT
PIN 1 ID
HEATSINK
is GND
VIN
1
GND
2
N/C
3
5
VOUT
6
VIN
PIN 1 ID
HEATSINK
is GND
4
ADJ
3.3V
1.0µF
Ceramic
1.5V
1.0µF
Ceramic
VOUT
GND
VIN
ADJ
25k
125k
LP8340
SNVS221D – FEBRUARY 2003 – REVISED APRIL 2013
www.ti.com
Figure 2. Adjustable VOUT
Connection Diagrams
Bottom View
Bottom View
Figure 3. 6-Pin WSON Package
Figure 4. 6-Pin WSON Package
Fixed Output Voltage
Adjustable Output Voltage
See Package Number NGD0006A
See Package Number NGD0006A
NOTE
VIN Pins (Pin 1 & 6) must be connected together externally for full 1 amp operation
(500mA max per pin).
VOUT Sense (Pin 5) must be connected to VOUT (Pin 4).
Top View
Figure 5. PFM Package
See Package Number NDP0003B
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP8340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com