Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8340 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP8340
Description  LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8340 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP8340 Datasheet HTML 7Page - Texas Instruments LP8340 Datasheet HTML 8Page - Texas Instruments LP8340 Datasheet HTML 9Page - Texas Instruments LP8340 Datasheet HTML 10Page - Texas Instruments LP8340 Datasheet HTML 11Page - Texas Instruments LP8340 Datasheet HTML 12Page - Texas Instruments LP8340 Datasheet HTML 13Page - Texas Instruments LP8340 Datasheet HTML 14Page - Texas Instruments LP8340 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
R1 = R2
VO
1.25V
- 1
VO = VREF
R1
R2
+ 1
LP8340
www.ti.com
SNVS221D – FEBRUARY 2003 – REVISED APRIL 2013
OUTPUT VOLTAGE SETTING (ADJ VERSION ONLY)
The output voltage is set according to the amount of negative feedback (Note that the pass transistor inverts the
feedback signal). This feedback is determined by R1 and R2 with the resulting output voltage represented by the
following equation:
(1)
Use the following equation to determine the values of R1 and R2 for a desired VOUT (R2 = 100kΩ is
recommended).
(2)
MINIMUM LOAD CURRENT
A minimum load of 100
μA is required for regulation and stability over the entire operating temperature range. If
actual load current fall below 100
μA it is recommended that a resistor of value RL = VO/100μA be placed
between VO and ground.
START UP CONSIDERATIONS
Under certain operating conditions, overshoot of VOUT at start-up can occur. The observed overshoot is a
function of rise time of VIN waveform, COUT, start-up load current, and VIN−VOUT differential. The relationship
between these conditions is shown in the Typical Performance Characteristics curves (Minimum Input Voltage
Rise Time). VIN rise times above the curve result in <5% overshoot.
Customers are encouraged to check the suitability of LP8340 in their specific application.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP8340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com