Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3614 Datasheet (PDF) - Adafruit Industries

3614 Datasheet PDF - Adafruit Industries
Part # 3614
Download  3614 Download
File Size   100.79 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Feedback 360 Degree ‐ High Speed Continuous Rotation Servo

3614 Datasheet (PDF)

Go To PDF Page Download Datasheet
3614 Datasheet PDF - Adafruit Industries

Part # 3614
Download  3614 Click to download

File Size   100.79 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Feedback 360 Degree ‐ High Speed Continuous Rotation Servo

3614 Datasheet (HTML) - Adafruit Industries


3614 Product details

Features
o Bidirectional, continuous, feedback‐controllable rotation from ‐120 to 120
RPM
o PWM positional feedback across entire angular range
o Internal Hall effect position sensor, which is not subject to wear or sensor
deadband as are potentiometer‐style feedback systems
o No need to manually “center” the servo
o 3‐pin ground‐power‐signal cable plugs onto standard 0.1" 3‐pin headers used
for servos
o Separate single wire with female connector supplies feedback to a separate
I/O pin




Similar Part No. - 3614

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3614 ETC2-3614 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
Lumberg
3614 LUMBERG-3614 Datasheet
569Kb / 4P
RAST 5 connectors, pitch 5.0 mm
logo
Heyco.
3614 HEYCO-3614 Datasheet
153Kb / 1P
Cable Holders - Adhesive Back Mount
logo
Belden Inc.
36140 BELDEN-36140 Datasheet
148Kb / 2P
Lead Wire, #4/0 Str TC, CSPE Ins, 5000V
05-05-2023
36140-010250 BELDEN-36140-010250 Datasheet
148Kb / 2P
Lead Wire, #4/0 Str TC, CSPE Ins, 5000V
05-05-2023
More results


Similar Description - 3614

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P22S VISHAY-P22S Datasheet
96Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Oct-16
POHR36 VISHAY-POHR36 Datasheet
262Kb / 11P
Single-Turn Continuous Rotation Analog Displacement Sensor
02-Mar-17
POPR27 VISHAY-POPR27 Datasheet
122Kb / 5P
Single-Turn Continuous Rotation Analog Displacement Sensor
04-Jan-17
PP27BS VISHAY-PP27BS Datasheet
90Kb / 3P
Single Turn Continuous Rotation Potentiometer
22-Mar-16
logo
Pepperl+Fuchs Inc.
KFU8-DW-1.D PF-KFU8-DW-1.D Datasheet
1Mb / 6P
Rotation Speed Monitor
KFA5-DWB-EX1.D PF-KFA5-DWB-EX1.D Datasheet
1Mb / 5P
Rotation Speed Monitor
KFD2-DWB-EX1.D PF-KFD2-DWB-EX1.D Datasheet
1,006Kb / 5P
Rotation Speed Monitor
KFA6-DWB-EX1.D PF-KFA6-DWB-EX1.D Datasheet
875Kb / 5P
Rotation Speed Monitor
KFU8-DWB-1.D PF-KFU8-DWB-1.D Datasheet
711Kb / 4P
Rotation Speed Monitor
2021-12-10
logo
Vishay Siliconix
P22S VISHAY-P22S_V01 Datasheet
93Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Oct-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com