Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA132 Datasheet (PDF) - Texas Instruments

OPA132 Datasheet PDF - Texas Instruments
Part # OPA132
Download  OPA132 Download
File Size   845.83 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision, Low Power, 18MHz Transimpedance Amplifier

OPA132 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA132 Datasheet PDF - Texas Instruments

Part # OPA132
Download  OPA132 Click to download

File Size   845.83 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision, Low Power, 18MHz Transimpedance Amplifier

OPA132 Datasheet (HTML) - Texas Instruments


OPA132 Product details

FEATURES
OVER 250kHz TRANSIMPEDANCE
BANDWIDTH
DYNAMIC RANGE: 5 Decades
EXCELLENT LONG-TERM STABILITY
LOW VOLTAGE NOISE: 10nV/√Hz
BIAS CURRENT: 3pA
OFFSET VOLTAGE: 25μV (max)
OFFSET DRIFT: 0.1μV/°C (max)
GAIN BANDWIDTH: 18MHz
QUIESCENT CURRENT: 800μA
FAST OVERLOAD RECOVERY
SUPPLY RANGE: 2.7V to 5.5V
SINGLE AND DUAL VERSIONS
MicroPACKAGE: DFN-8, MSOP-8

APPLICATIONS
PRECISION I/V CONVERSION
PHOTODIODE MONITORING
OPTICAL AMPLIFIERS
CAT-SCANNER FRONT-END
PHOTO LAB EQUIPMENT

DESCRIPTION
The OPA381 family of transimpedance amplifiers provides
18MHz of Gain Bandwidth (GBW), with extremely high
precision, excellent long-term stability, and very low 1/f noise.
The OPA381 features an offset voltage of 25μV (max), offset
drift of 0.1μV/°C (max), and bias current of 3pA. The OPA381
far exceeds the offset, drift, and noise performance that
conventional JFET op amps provide.
The signal bandwidth of a transimpedance amplifier depends
largely on the GBW of the amplifier and the parasitic
capacitance of the photodiode, as well as the feedback
resistor. The 18MHz GBW of the OPA381 enables a transimpedance
bandwidth of > 250kHz in most configurations.
The OPA381 is ideally suited for fast control loops for power
level measurement on an optical fiber.
As a result of the high precision and low-noise characteristics
of the OPA381, a dynamic range of 5 decades can be
achieved. This capability allows the measurement of signal
currents on the order of 10nA, and up to 1mA in a single I/V
conversion stage. In contrast to logarithmic amplifiers, the
OPA381 provides very wide bandwidth throughout the full
dynamic range. By using an external pulldown resistor to
–5V, the output voltage range can be extended to include 0V.
The OPA381 and OPA2381 are both available in MSOP-8
and DFN-8 (3mm x 3mm) packages. They are specified
from –40°C to +125°C.




Similar Part No. - OPA132

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
High Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132 BURR-BROWN-OPA132 Datasheet
521Kb / 13P
High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132 BURR-BROWN-OPA132 Datasheet
362Kb / 18P
Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA132 TI1-OPA132 Datasheet
1Mb / 30P
High-Speed FET-Input Operational Amplifiers
OPA132 TI2-OPA132 Datasheet
655Kb / 26P
Precision, High-Speed Transimpedance Amplifier
REVISED SEPTEMBER 2007
More results


Similar Description - OPA132

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5222 PHILIPS-SA5222 Datasheet
80Kb / 8P
Low-power FDDI transimpedance amplifier
1995 Apr 26
logo
Burr-Brown (TI)
IVC102 BURR-BROWN-IVC102 Datasheet
124Kb / 10P
PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
OPA380 BURR-BROWN-OPA380 Datasheet
362Kb / 18P
Precision, High-Speed Transimpedance Amplifier
OPA2381 BURR-BROWN-OPA2381 Datasheet
489Kb / 19P
Precision, Low Power, 18MHz Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
Transimpedance Amplifier
logo
Texas Instruments
OPA380AID TI-OPA380AID Datasheet
695Kb / 22P
Precision, High-Speed Transimpedance Amplifier
IVC102 TI1-IVC102 Datasheet
664Kb / 15P
PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
OPA381 TI1-OPA381 Datasheet
997Kb / 24P
Precision, Low Power, 18MHz Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657_V01 Datasheet
755Kb / 15P
155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com