Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC337 Datasheet (PDF) - Hittite Microwave Corporation

HMC337 Datasheet PDF - Hittite Microwave Corporation
Part # HMC337_07
Download  HMC337 Download
File Size   308.39 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz

HMC337 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC337 Datasheet PDF - Hittite Microwave Corporation

Part # HMC337_07
Download  HMC337 Click to download

File Size   308.39 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz

HMC337 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC337_07

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC337 HITTITE-HMC337_09 Datasheet
300Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
More results


Similar Description - HMC337_07

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC337 HITTITE-HMC337 Datasheet
286Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC330 HITTITE-HMC330_01 Datasheet
217Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC339 HITTITE-HMC339_09 Datasheet
307Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
HMC337 HITTITE-HMC337_09 Datasheet
300Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
HMC338 HITTITE-HMC338_09 Datasheet
303Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
HMC330 HITTITE-HMC330_10 Datasheet
213Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
logo
Analog Devices
HMC337 AD-HMC337 Datasheet
413Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
HMC338 AD-HMC338 Datasheet
412Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com