Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC337 Datasheet (PDF) - Hittite Microwave Corporation

HMC337 Datasheet PDF - Hittite Microwave Corporation
Part # HMC337
Download  HMC337 Download
File Size   286.41 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz

HMC337 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC337 Datasheet PDF - Hittite Microwave Corporation

Part # HMC337
Download  HMC337 Click to download

File Size   286.41 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz

HMC337 Datasheet (HTML) - Hittite Microwave Corporation


HMC337 Product details

General Description
The HMC337 chip is a sub-harmonically pumped (x2) MMIC mixer with an integrated LO amplifer which can be used as an upconverter or downconverter. The chip utilizes a GaAs PHEMT technology that results in a small overall chip area of 1.28mm2. The 2LO to RF isolation is excellent eliminating the need for additional f ltering. The LO amplif er is a single bias (+3V to +4V) two stage design with only -5 dBm nominal drive requirement. All data is mea sured with the chip in a 50 ohm test f xture connected via 0.076 mm (3 mil) ribbon bonds of minimal length <0.31 mm (<12 mils).

Features
  Integrated LO Amplif er: -5 dBm Input
  Sub-Harmonically Pumped (x2) LO
  High 2LO/RF Isolation: > 25 dB
  Die Size: 1.32 x 0.97 x 0.1mm
 
Typical Applications
The HMC337 is ideal for:
   • 18 and 23 GHz Microwave Radios
   • Up and Down Converter for Point-to-Point Radios
   • Satellite Communication Systems




Similar Part No. - HMC337

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC337 HITTITE-HMC337 Datasheet
300Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
HMC337 HITTITE-HMC337 Datasheet
308Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
logo
Micross Components
HMC337 MICROSS-HMC337 Datasheet
946Kb / 11P
18 and 23 GHz Microwave Radios
logo
Analog Devices
HMC337 AD-HMC337 Datasheet
413Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
logo
Hittite Microwave Corpo...
HMC337 HITTITE-HMC337_07 Datasheet
308Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
More results


Similar Description - HMC337

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC337 HITTITE-HMC337_07 Datasheet
308Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
HMC330 HITTITE-HMC330_01 Datasheet
217Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC339 HITTITE-HMC339_09 Datasheet
307Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
HMC337 HITTITE-HMC337_09 Datasheet
300Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
HMC338 HITTITE-HMC338_09 Datasheet
303Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
HMC330 HITTITE-HMC330_10 Datasheet
213Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
logo
Analog Devices
HMC337 AD-HMC337 Datasheet
413Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
HMC338 AD-HMC338 Datasheet
412Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com