Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC337 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC337
Description  GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC337 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC337 Datasheet HTML 1Page - Hittite Microwave Corporation HMC337 Datasheet HTML 2Page - Hittite Microwave Corporation HMC337 Datasheet HTML 3Page - Hittite Microwave Corporation HMC337 Datasheet HTML 4Page - Hittite Microwave Corporation HMC337 Datasheet HTML 5Page - Hittite Microwave Corporation HMC337 Datasheet HTML 6Page - Hittite Microwave Corporation HMC337 Datasheet HTML 7Page - Hittite Microwave Corporation HMC337 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MICROWAVE CORPORATION
5 - 95
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
5
-20
-16
-12
-8
-4
0
16
17
18
19
20
21
22
23
24
25
26
+ 25 C
+ 85 C
- 55 C
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
16
17
18
19
20
21
22
23
24
25
26
+ 25 C
+ 85 C
- 55 C
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
16
17
18
19
20
21
22
23
24
25
26
- 7 dBm
- 5 dBm
- 3 dBm
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
16
17
18
19
20
21
22
23
24
25
26
-7 dBm
-5 dBm
-3 dBm
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
16
17
18
19
20
21
22
23
24
25
26
RF/IF
LO/RF
LO/IF
2LO/RF
2LO/IF
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
16
17
18
19
20
21
22
23
24
25
26
RF/IF
LO/RF
LO/IF
2LO/RF
2LO/IF
FREQUENCY (GHz)
HMC337
Conversion Gain vs.
Temperature @ LO = -5 dBm, Vdd= +4V
Conversion Gain vs.
Temperature @ LO = -5 dBm, Vdd= +3V
Conversion Gain
vs. LO Drive @ Vdd = +4V
Conversion Gain
vs. LO Drive @ Vdd = +3V
Isolation @ LO = -5 dBm, Vdd = +4V
Isolation @ LO = -5 dBm, Vdd = +3V
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 17 - 25 GHz
v01.0803



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com