Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC340LP5 Datasheet (PDF) - Hittite Microwave Corporation

HMC340LP5 Datasheet PDF - Hittite Microwave Corporation
Part # HMC340LP5
Download  HMC340LP5 Download
File Size   374.79 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz

HMC340LP5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC340LP5 Datasheet PDF - Hittite Microwave Corporation

Part # HMC340LP5
Download  HMC340LP5 Click to download

File Size   374.79 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz

HMC340LP5 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC340LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC340LP5 HITTITE-HMC340LP5 Datasheet
274Kb / 8P
GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC340LP5 HITTITE-HMC340LP5_10 Datasheet
258Kb / 8P
GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
More results


Similar Description - HMC340LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC175MS8 HITTITE-HMC175MS8 Datasheet
196Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC340LP5 HITTITE-HMC340LP5 Datasheet
274Kb / 8P
GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC13MS8 HITTITE-HMC13MS8 Datasheet
192Kb / 6P
GaAs MMIC SMT DOUBLE BALANCED MIXER, 1.5 - 4.5 GHz
HMC213MS8 HITTITE-HMC213MS8 Datasheet
246Kb / 6P
GaAs MMIC SMT DOUBLE BALANCED MIXER, 1.5 - 4.5 GHz
HMC168C8 HITTITE-HMC168C8_08 Datasheet
221Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 8 GHz
HMC175MS8 HITTITE-HMC175MS8_08 Datasheet
172Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC218AMS8E HITTITE-HMC218AMS8E Datasheet
657Kb / 6P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 6 GHz
HMC219AMS8 HITTITE-HMC219AMS8 Datasheet
565Kb / 6P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 9 GHz
HMC340ALP5 HITTITE-HMC340ALP5 Datasheet
727Kb / 8P
GaAs MMIC SMT Double-Ba lanced DUAL Mixer, 1.7 - 4.5 GHz
HMC340LP5 HITTITE-HMC340LP5_10 Datasheet
258Kb / 8P
GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com