Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC340LP5 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC340LP5
Description  GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC340LP5 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC340LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC340LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC340LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC340LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC340LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC340LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC340LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC340LP5 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
12
12 - 211
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
-100
-95
-90
-85
-80
-75
-70
-65
-60
1.5
2
2.5
3
3.5
4
4.5
5
RF1 TO IF2
RF2 TO IF1
RF FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
1.5
2
2.5
3
3.5
4
4.5
5
LO FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
1.5
2
2.5
3
3.5
4
4.5
5
RF FREQUENCY (GHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
0
0.5
1
1.5
2
IF FREQUENCY (GHz)
Dual Channel:
Conversion Gain Amplitude Balance
Dual Channel:
Channel to Channel Isolation
Dual Channel:
LO1 to LO2 Isolation
Dual Channel:
RF1 to RF2 Isolation
Dual Channel:
IF1 to IF2 Isolation
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1
1.5
2
2.5
3
3.5
4
4.5
5
FREQUENCY (GHz)
Harmonics of LO
LO Freq. (GHz)
nLO Spur at RF Port
12
3
4
1.5
46
33
66
58
2.0
41
28
53
64
2.5
46
29
47
69
3.0
55
36
57
76
3.5
50
44
57
74
4.0
43
48
57
65
4.5
37
54
64
78
5.0
33
53
69
81
LO = +13 dBm
Values in dBc below input LO level measured at RF Port.
HMC340LP5 / 340LP5E
GaAs MMIC SMT DOUBLE-BALANCED
DUAL MIXER, 1.7 - 4.5 GHz
v01.0705



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com