Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC341 Datasheet (PDF) - Hittite Microwave Corporation

HMC341 Datasheet PDF - Hittite Microwave Corporation
Part # HMC341
Download  HMC341 Download
File Size   222.1 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz

HMC341 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC341 Datasheet PDF - Hittite Microwave Corporation

Part # HMC341
Download  HMC341 Click to download

File Size   222.1 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz

HMC341 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC341

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC341 HITTITE-HMC341 Datasheet
184Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
HMC341 HITTITE-HMC341 Datasheet
229Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
logo
Micross Components
HMC341 MICROSS-HMC341 Datasheet
875Kb / 9P
Millimeterwave Point-to-Point Radios
logo
Analog Devices
HMC341 AD-HMC341 Datasheet
247Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
logo
Hittite Microwave Corpo...
HMC341LC3B HITTITE-HMC341LC3B Datasheet
295Kb / 6P
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
More results


Similar Description - HMC341

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028N1-00 ALPHA-AA028N1-00 Datasheet
96Kb / 2P
24-30 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC263 HITTITE-HMC263 Datasheet
212Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC341 HITTITE-HMC341 Datasheet
184Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
HMC263 HITTITE-HMC263_07 Datasheet
231Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC262 HITTITE-HMC262_00 Datasheet
158Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 15 - 24 GHz
HMC263LP4E HITTITE-HMC263LP4E_09 Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_10 Datasheet
963Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC341 HITTITE-HMC341_10 Datasheet
229Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
logo
Analog Devices
HMC341 AD-HMC341 Datasheet
247Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com