Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6119 Datasheet (PDF) - Torex Semiconductor

XC6119 Datasheet PDF - Torex Semiconductor
Part # XC6119
Download  XC6119 Download
File Size   494.05 Kbytes
Page   18 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Voltage Detector with Delay Time Adjustable

XC6119 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6119 Datasheet PDF - Torex Semiconductor

Part # XC6119
Download  XC6119 Click to download

File Size   494.05 Kbytes
Page   18 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Voltage Detector with Delay Time Adjustable

XC6119 Datasheet (HTML) - Torex Semiconductor


XC6119 Product details

■GENERAL DESCRIPTION
The XC6119 series is a highly precise, low power consumption voltage detector, manufactured using CMOS and laser trimming technologies.
The device includes the built-in delay circuit. A release delay time can be set freely by connecting an external delay capacitor to the Cd pin.
The device using an ultra small package (USPN-4) is suited for high density mounting applications.
Both CMOS and N-channel open drain output configurations are available.

■APPLICATIONS
●Microprocessor reset circuitry
●Charge voltage monitors
●Memory battery back-up switch circuits
●Power failure detection circuits

■FEATURES
High Accuracy : +2% (Detection Voltage >1.5V) +30mV (Detection Voltage <1.5V)
Low Power Consumption : 0.5μA TYP. in detect state (VDF=1.0V, VIN= 0.9V) 0.9μA TYP. in release state (VDF=1.0V, VIN= 1.1V)
Detect Voltage Options : 0.8V ~ 5.0V (0.1V increments)
Operating Voltage Range : 0.7V ~ 6.0V
Detect Voltage Temperature Characteristics : ±100ppm/ OC TYP.
Output Configuration : CMOS or N-channel open drain
Built-In Delay Circuit : Delay Time Adjustable
Operating Ambient Temperature : -40 OC ~ +85 OC
Packages : SSOT-24, USPN-4
Environmentally Friendly : EU RoHS Compliant, Pb Free




Similar Part No. - XC6119

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6119 TOREX-XC6119 Datasheet
313Kb / 16P
Voltage Detector with Delay Time Adjustable
XC6119C18A7R-G TOREX-XC6119C18A7R-G Datasheet
313Kb / 16P
Voltage Detector with Delay Time Adjustable
XC6119C18ANR-G TOREX-XC6119C18ANR-G Datasheet
313Kb / 16P
Voltage Detector with Delay Time Adjustable
XC6119C50A7R-G TOREX-XC6119C50A7R-G Datasheet
313Kb / 16P
Voltage Detector with Delay Time Adjustable
XC6119C50ANR-G TOREX-XC6119C50ANR-G Datasheet
313Kb / 16P
Voltage Detector with Delay Time Adjustable
More results


Similar Description - XC6119

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
Voltage Detector IC with Adjustable Output Delay
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
Low Voltage Detector IC with Adjustable Output Delay
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
Low Voltage Detector IC with Adjustable Output Delay
logo
List of Unclassifed Man...
BD5260G ETC1-BD5260G Datasheet
387Kb / 4P
VOLTAGE DETECTOR IC with adjustable delay time
logo
Torex Semiconductor
XC6119 TOREX-XC6119 Datasheet
313Kb / 16P
Voltage Detector with Delay Time Adjustable
XC6129 TOREX-XC6129 Datasheet
598Kb / 30P
Voltage Detector with Delay Time Adjustable
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
Voltage Detector with Adjustable Delay Time
5/10/2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com