Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAHC1G02BMDCKREP Datasheet (PDF) - Texas Instruments

CAHC1G02BMDCKREP Datasheet PDF - Texas Instruments
Part # CAHC1G02BMDCKREP
Download  CAHC1G02BMDCKREP Download
File Size   971.85 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AHC1G02B-EP Enhanced Product, Single 2-Input Positive-NOR Gate

CAHC1G02BMDCKREP Datasheet (PDF)

Go To PDF Page Download Datasheet
CAHC1G02BMDCKREP Datasheet PDF - Texas Instruments

Part # CAHC1G02BMDCKREP
Download  CAHC1G02BMDCKREP Click to download

File Size   971.85 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AHC1G02B-EP Enhanced Product, Single 2-Input Positive-NOR Gate

CAHC1G02BMDCKREP Datasheet (HTML) - Texas Instruments


CAHC1G02BMDCKREP Product details

1 Features
• Operating range 2V to 5.5V VCC
• Low delay, 4.3ns typ. (25°C, 5V)
• Latch-up performance exceeds 250mA
per JESD 17
• Supports defense and aerospace applications:
– Controlled baseline
– One assembly and test site
– One fabrication site
– Extended product life cycle
– Product traceability

2 Applications
• Enable or disable a digital signal
• Controlling an indicator LED

3 Description
The SN74AHC1G02B-EP is a 2-input NOR Gate
which performs the Boolean function Y = A + B in
positive logic.




Similar Part No. - CAHC1G02BMDCKREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CAHC1G02BMDCKREP TI1-CAHC1G02BMDCKREP Datasheet
934Kb / 24P
SN74AHC1G02B-EP Enhanced Product, Single 2-Input Positive-NOR Gate
MARCH 2025
More results


Similar Description - CAHC1G02BMDCKREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
SINGLE 2-INPUT POSITIVE NOR-GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
SINGLE 2 INPUT POSITIVE NOR GATE
Rev 1
logo
Texas Instruments
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
SINGLE 2-INPUT POSITIVE NOR-GATE
SN74LV4T02-EP TI-SN74LV4T02-EP Datasheet
931Kb / 19P
SN74LV4T02-EP Enhanced Product Quadruple 2-Input Positive-NOR Gates
NOVEMBER 2023
SN74LV4T02-EP TI1-SN74LV4T02-EP_V01 Datasheet
983Kb / 23P
SN74LV4T02-EP Enhanced Product Quadruple 2-Input Positive-NOR Gates
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com