Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4305 Datasheet (PDF) - Adafruit Industries

4305 Datasheet PDF - Adafruit Industries
Part # 4305
Download  4305 Download
File Size   593.79 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Slice Mini Cutter with Ceramic Blade

4305 Datasheet (PDF)

Go To PDF Page Download Datasheet
4305 Datasheet PDF - Adafruit Industries

Part # 4305
Download  4305 Click to download

File Size   593.79 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Slice Mini Cutter with Ceramic Blade

4305 Datasheet (HTML) - Adafruit Industries


4305 Product details

 Installed blade type: rounded tip
 Automatic spring-loaded retraction for added safety
 Ambidextrous design: Switch blade slots for southpaws
 Finger-friendly blade cuts effectively
 Non-sparking, non-conductive, non-magnetic blade
 Chemically inert blade never rusts
 Oil- and lubricant-free blade
 100% zirconium oxide blade
 Blade edge last up to 11.2x longer than metal
 No-tool blade change




Similar Part No. - 4305

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4305 PEREGRINE-4305 Datasheet
457Kb / 11P
50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
4305-00 PEREGRINE-4305-00 Datasheet
457Kb / 11P
50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
4305-01 PEREGRINE-4305-01 Datasheet
457Kb / 11P
50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
4305-02 PEREGRINE-4305-02 Datasheet
457Kb / 11P
50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
4305-51 PEREGRINE-4305-51 Datasheet
457Kb / 11P
50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
More results


Similar Description - 4305

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-EPD115 ETC2-441-EPD115 Datasheet
121Kb / 1P
PCB Mount AST Mini Blade
logo
Littelfuse
0297002 LITTELFUSE-0297002 Datasheet
197Kb / 2P
MINI Blade Fuse Rated 32V
logo
Intersil Corporation
ISL97645 INTERSIL-ISL97645_07 Datasheet
439Kb / 14P
Boost VON Slice VCOM
December 14, 2007
logo
Molex Electronics Ltd.
0690080350 MOLEX11-0690080350 Datasheet
36Kb / 1P
Wafer Cutter
logo
PHOENIX CONTACT
1205862 PHOENIX-1205862 Datasheet
48Kb / 2P
Diagonal cutter - MICROFOX SC
5145339 PHOENIX-5145339 Datasheet
50Kb / 2P
Cutter - THERMOMARK S1-CUTTER
09/12/2020
logo
SparkFun Electronics
TOL-14508 SPARKFUN-TOL-14508 Datasheet
165Kb / 2P
Slice Craft Knife
12??9??7
TOL-14509 SPARKFUN-TOL-14509 Datasheet
143Kb / 2P
Slice Ceramic Curved Blades (set of 4)
12??9??7
TOL-14510 SPARKFUN-TOL-14510 Datasheet
139Kb / 2P
Slice Ceramic Straight Blades (set of 4)
12??9??7
logo
Molex Electronics Ltd.
69008-0350 MOLEX-69008-0350 Datasheet
35Kb / 3P
HANDTOOL HEADER CUTTER
04.03.15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com