Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4305 Datasheet (PDF) - Peregrine Semiconductor Corp.

4305 Datasheet PDF - Peregrine Semiconductor Corp.
Part # 4305
Download  4305 Download
File Size   457.26 Kbytes
Page   11 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz

4305 Datasheet (PDF)

Go To PDF Page Download Datasheet
4305 Datasheet PDF - Peregrine Semiconductor Corp.

Part # 4305
Download  4305 Click to download

File Size   457.26 Kbytes
Page   11 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz

4305 Datasheet (HTML) - Peregrine Semiconductor Corp.




Similar Part No. - 4305

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
4305 ADAFRUIT-4305 Datasheet
593Kb / 2P
Slice Mini Cutter with Ceramic Blade
7-26-19
logo
Schurter Inc.
4305.0001 SCHURTER-4305.0001 Datasheet
162Kb / 1P
Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
4305.0001 SCHURTER-4305.0001 Datasheet
563Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without voltage selector (series-parallel)
4305.0001 SCHURTER-4305.0001 Datasheet
563Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
4305.0001 SCHURTER-4305.0001 Datasheet
206Kb / 2P
Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
04.01.2022
More results


Similar Description - 4305

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-280 MACOM-AT-280 Datasheet
96Kb / 2P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4307 PEREGRINE-PE4307 Datasheet
547Kb / 11P
75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
logo
Tyco Electronics
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Peregrine Semiconductor...
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4306 PEREGRINE-PE4306_08 Datasheet
454Kb / 11P
50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE43072 PEREGRINE-PE43072 Datasheet
464Kb / 11P
50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
PE43701 PEREGRINE-PE43701 Datasheet
404Kb / 13P
50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com