Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-280 Datasheet (PDF) - Tyco Electronics

AT-280 Datasheet PDF - Tyco Electronics
Part # AT-280
Download  AT-280 Download
File Size   96.7 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz

AT-280 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-280 Datasheet PDF - Tyco Electronics

Part # AT-280
Download  AT-280 Click to download

File Size   96.7 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz

AT-280 Datasheet (HTML) - Tyco Electronics


AT-280 Product details

Description
M/A-COMs AT-280 is a 5-bit, 0.5 dB-step GaAs MMIC digital attenuator in a low cost SOIC 16-lead surface mount plastic package. The AT-280 is ideally suited for use where high accuracy, fast switching, very low power consumption and low intermodulation products are re q u i red at a low cost. Typical applications include radio and cellular equipment, wireless LANS, GPS equipment and other Gain/Level Control circuits .

Features
• Attenuation: 0.5-dB Steps to 15.5 dB
• Temperature Stability: ± 0.15 dB from -40°C to +85°C Ty p i c a l
• Ultra Low DC Power Consumption
• Low Intermodulation Products, IP3: 45 dBm
• Tape and Reel Packaging Available




Similar Part No. - AT-280

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-280 MACOM-AT-280 Datasheet
184Kb / 3P
Digital Attenuator, 15.5dB,5-Bit,DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Atom Lighting
AT-28000507 ATOM-AT-28000507 Datasheet
576Kb / 2P
6W & 10W IP65 LED Garden spike light
05.06.19
AT-28000508 ATOM-AT-28000508 Datasheet
576Kb / 2P
6W & 10W IP65 LED Garden spike light
05.06.19
AT-28000509 ATOM-AT-28000509 Datasheet
576Kb / 2P
6W & 10W IP65 LED Garden spike light
05.06.19
More results


Similar Description - AT-280

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0014 MA-COM-MAATCC0014 Datasheet
164Kb / 6P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT90-0283 MA-COM-AT90-0283 Datasheet
163Kb / 7P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAATSS0017 MA-COM-MAATSS0017_15 Datasheet
674Kb / 6P
Digital Attenuator, 5-Bit, 15.5 dB
MAATSS0021 MA-COM-MAATSS0021_15 Datasheet
551Kb / 4P
Digital Attenuator, 15.5 dB, 5-Bit
MAATSS0022 MA-COM-MAATSS0022_15 Datasheet
621Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com