Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0021 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAATSS0021 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAATSS0021
Download  MAATSS0021 Download
File Size   75.64 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz

MAATSS0021 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAATSS0021 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAATSS0021
Download  MAATSS0021 Click to download

File Size   75.64 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz

MAATSS0021 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAATSS0021 Product details

Description
M/A-COM’s MAATSS0021 is a 5-bit, 0.5-dB step GaAs MMIC digital attenuator in a lead-free SOIC- 16 surface mount plastic package. The MAATSS0021 is ideally suited for use where high accuracy, fast switching, very low power consumption and low intermodulation products are required at a low cost.
   
Features
• 0.5 dB Attenuation Steps to 15.5 dB
• Ultra Low DC Power Consumption
• Low Intermodulation Product: +45 dBm IP3
• Tape and Reel Packaging Available
• Temperature Stability: +/-0.15 dB from -40°C to
    +85°C
• Lead-Free SOIC-16 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free ―Green‖ Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AT-280
   




Similar Part No. - MAATSS0021

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
Digital Attenuator
MAATSS0021 MA-COM-MAATSS0021 Datasheet
551Kb / 4P
Digital Attenuator, 15.5 dB, 5-Bit
logo
Tyco Electronics
MAATSS0021SMB MACOM-MAATSS0021SMB Datasheet
176Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0021SMB MA-COM-MAATSS0021SMB Datasheet
551Kb / 4P
Digital Attenuator, 15.5 dB, 5-Bit
More results


Similar Description - MAATSS0021

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-280 MACOM-AT-280 Datasheet
96Kb / 2P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
logo
Peregrine Semiconductor...
PE4307 PEREGRINE-PE4307 Datasheet
547Kb / 11P
75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
logo
Tyco Electronics
MAAD-007084-000100 MACOM-MAAD-007084-000100 Datasheet
233Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT65-0283 MA-COM-AT65-0283 Datasheet
126Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com