Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATCC0014 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAATCC0014 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAATCC0014
Download  MAATCC0014 Download
File Size   164.25 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz

MAATCC0014 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAATCC0014 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAATCC0014
Download  MAATCC0014 Click to download

File Size   164.25 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz

MAATCC0014 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - MAATCC0014

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0014 MACOM-MAATCC0014 Datasheet
282Kb / 6P
Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
MAATCC0014 MA-COM-MAATCC0014 Datasheet
164Kb / 6P
Digital Attenuator
logo
Tyco Electronics
MAATCC0014-TB MACOM-MAATCC0014-TB Datasheet
282Kb / 6P
Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAATCC0014TR MACOM-MAATCC0014TR Datasheet
282Kb / 6P
Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
MAATCC0014 MA-COM-MAATCC0014_15 Datasheet
164Kb / 6P
Digital Attenuator
More results


Similar Description - MAATCC0014

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
AT90-0283 MACOM-AT90-0283 Datasheet
266Kb / 5P
Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-1283 MACOM-AT90-1283 Datasheet
266Kb / 5P
Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAAD-007081-000100 MACOM-MAAD-007081-000100 Datasheet
293Kb / 7P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT90-0283 MA-COM-AT90-0283 Datasheet
163Kb / 7P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-1283 MA-COM-AT90-1283 Datasheet
163Kb / 6P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com