Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90-1283 Datasheet (PDF) - Tyco Electronics

AT90-1283 Datasheet PDF - Tyco Electronics
Part # AT90-1283
Download  AT90-1283 Download
File Size   266.89 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz

AT90-1283 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90-1283 Datasheet PDF - Tyco Electronics

Part # AT90-1283
Download  AT90-1283 Click to download

File Size   266.89 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz

AT90-1283 Datasheet (HTML) - Tyco Electronics


AT90-1283 Product details

Description
M/A-COMs AT90-1283 is a GaAs FET 5-bit digital attenuator with integral TTL driver. Step size is 0.5 dB providing a 15.5 dB total attenuation range. This device is in an PQFN plastic surface mount package. The AT90-1283 is ideally suited for use where accuracy, fast speed, very low power consumption and low costs are required. For dual supply designs without switching noise, use AT90-0283.

Features
• Attenuation: 0.5 dB Steps to 15.5 dB
• Single Positive Supply
• Contains Internal DC to DC Converter
• Low DC Power Consumption
• Small Footprint, JEDEC Package
• Integral TTL Driver
• 50 ohm Impedance




Similar Part No. - AT90-1283

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-1283 MACOM-AT90-1283 Datasheet
222Kb / 4P
Digital Attenuator, 15.5dB, 5-Bit, TTL Driver DC - 3.5 GHz
logo
M/A-COM Technology Solu...
AT90-1283 MA-COM-AT90-1283 Datasheet
163Kb / 6P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
Tyco Electronics
AT90-1283-TB MACOM-AT90-1283-TB Datasheet
222Kb / 4P
Digital Attenuator, 15.5dB, 5-Bit, TTL Driver DC - 3.5 GHz
logo
M/A-COM Technology Solu...
AT90-1283-TB MA-COM-AT90-1283-TB Datasheet
163Kb / 6P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
Tyco Electronics
AT90-1283TR MACOM-AT90-1283TR Datasheet
222Kb / 4P
Digital Attenuator, 15.5dB, 5-Bit, TTL Driver DC - 3.5 GHz
More results


Similar Description - AT90-1283

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
AT90-0283 MACOM-AT90-0283 Datasheet
266Kb / 5P
Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAAD-007081-000100 MACOM-MAAD-007081-000100 Datasheet
293Kb / 7P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
MAATCC0014 MA-COM-MAATCC0014 Datasheet
164Kb / 6P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT90-0283 MA-COM-AT90-0283 Datasheet
163Kb / 7P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-1283 MA-COM-AT90-1283 Datasheet
163Kb / 6P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com