Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF12 390K. Datasheet (PDF) - Multicomp Pro

MF12 390K. Datasheet PDF - Multicomp Pro
Part # MF12 390K.
Download  MF12 390K. Download
File Size   483.03 Kbytes
Page   21 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Precision Metal Film Fixed Resistor Axial Leaded

MF12 390K. Datasheet (PDF)

Go To PDF Page Download Datasheet
MF12 390K. Datasheet PDF - Multicomp Pro

Part # MF12 390K.
Download  MF12 390K. Click to download

File Size   483.03 Kbytes
Page   21 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Precision Metal Film Fixed Resistor Axial Leaded

MF12 390K. Datasheet (HTML) - Multicomp Pro


MF12 390K. Product details

Features
• EIA standard colour-coding
• Non-Flame type available
• Low noise and voltage coefficient
• Low temperature coefficient range
• Wide precision range in small package
• Too low or too high ohmic value can be supplied on a case to case basic
• Nichrome resistor element provides stable performance in various environments
• Multiple epoxy coating on vacuum-deposited metal film provides superior moisture protection




Similar Part No. - MF12 390K.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF12 ETC2-MF12 Datasheet
228Kb / 5P
Metal Film Resistors
logo
DENSEI-LAMBDA
MF1206 LAMBDA-MF1206 Datasheet
181Kb / 3P
Band wide:150kHz ~ 30MHz, 2 stage filter?
logo
Electronic Film Capacit...
MF1206 EFC-MF1206 Datasheet
44Kb / 5P
POLYPROPYLENE SNUBBER
MF1206DFR EFC-MF1206DFR Datasheet
14Kb / 1P
Polypropylene and Foil Capacitors
MF1206DFR-3 EFC-MF1206DFR-3 Datasheet
14Kb / 1P
Polypropylene and Foil Capacitors
More results


Similar Description - MF12 390K.

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
Precision Metal Film Resistor Networks
logo
Riedon Powertron
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
Precision Metal Film Resistor Networks
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
Precision Metal Film Resistor Networks
logo
KOA Speer Electronics, ...
MF1ECT521 KOA-MF1ECT521 Datasheet
102Kb / 2P
general purpose metal film leaded resistor
logo
IRC - a TT electronics ...
CAR IRCTT-CAR Datasheet
193Kb / 2P
Ultra Precision Metal Film Resistor
RC-RC55LFB6K8FA IRCTT-RC-RC55LFB6K8FA Datasheet
225Kb / 3P
Precision Metal Film Resistor
logo
Riedon Powertron
MF4115 RIEDON-MF4115_13 Datasheet
182Kb / 1P
Precision Metal Film Resistor Networks
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
PRECISION METAL FILM LEADED RESISTORS
logo
C&B ELECTRONICS (SHENZH...
MMFR RESI-MMFR Datasheet
533Kb / 7P
Precision Metal Film Molded Resistor
logo
List of Unclassifed Man...
MCMF ETC-MCMF Datasheet
568Kb / 7P
Metal Film Fixed Resistor
25/11/19 V1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com