Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03112 Datasheet (PDF) - Premier Farnell Limited.

D03112 Datasheet PDF - Premier Farnell Limited.
Part # D03112
Download  D03112 Download
File Size   104.21 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Solid Steel Engineer Square

D03112 Datasheet (PDF)

Go To PDF Page Download Datasheet
D03112 Datasheet PDF - Premier Farnell Limited.

Part # D03112
Download  D03112 Click to download

File Size   104.21 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Solid Steel Engineer Square

D03112 Datasheet (HTML) - Premier Farnell Limited.


D03112 Product details

Features
• Engineer’s square manufactured with solid steel
• Ideal for workshop and inspection applications
• 100mm (4") Hardened steel blade
• Accurate on inside & Outside

Description
4" Engineer Square




Similar Part No. - D03112

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03110 DURATOOL-D03110 Datasheet
115Kb / 1P
Adjustable Wrench Set 6” & 8” Black Finish
21/07/17 V1.0
logo
Tyco Electronics
D03110-000 MACOM-D03110-000 Datasheet
107Kb / 1P
PolySwitch짰 PTC Devices
logo
Premier Farnell Limited...
D03113 DURATOOL-D03113 Datasheet
98Kb / 1P
1-15mm Metric Bore Gauge 0.1mm Graduations
21/07/17 V1.0
D03114 DURATOOL-D03114 Datasheet
91Kb / 1P
Adjustable Torque Screwdriver
D03114. DURATOOL-D03114. Datasheet
91Kb / 1P
Adjustable Torque Screwdriver
More results


Similar Description - D03112

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN537 MICROCHIP-AN537 Datasheet
148Kb / 9P
Everything a System Engineer Needs to Know About Serial EEPROM Endurance
1992 - 1995
logo
Pomona Electronics
4741 POMONA-4741 Datasheet
51Kb / 1P
Square Pin Square Pin
logo
National Semiconductor ...
LM5006 NSC-LM5006 Datasheet
526Kb / 14P
Evaluation Board provides the design engineer with a fully functional
LM25119 NSC-LM25119 Datasheet
1Mb / 10P
Evaluation Board provides the design engineer with a fully functional
LM34919B NSC-LM34919B_1 Datasheet
647Kb / 12P
Evaluation Board provides the design engineer with a fully functional
LM34923 NSC-LM34923 Datasheet
621Kb / 12P
EVAL evaluation board provides the design engineer with a fully
logo
Bud Industries, Inc.
SCS-8846 BUD-SCS-8846 Datasheet
15Kb / 1P
SOLID STEEL SIDES (SOLD IN PAIRS)
logo
List of Unclassifed Man...
1346517 ETC2-1346517 Datasheet
105Kb / 3P
Series 59 20 AWG solid .032 bare copper-covered steel conductor
logo
Bud Industries, Inc.
SCD-8866 BUD-SCD-8866 Datasheet
49Kb / 1P
SOLID STEEL DOOR LH HINGED
logo
HellermannTyton.
T19X145 HELLERMANNTYTON-T19X145 Datasheet
117Kb / 3P
Solid Cantilevered Equipment Shelf, 2U, Steel, Black, 1/box
2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com