Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03113 Datasheet (PDF) - Premier Farnell Limited.

D03113 Datasheet PDF - Premier Farnell Limited.
Part # D03113
Download  D03113 Download
File Size   98.03 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 1-15mm Metric Bore Gauge 0.1mm Graduations

D03113 Datasheet (PDF)

Go To PDF Page Download Datasheet
D03113 Datasheet PDF - Premier Farnell Limited.

Part # D03113
Download  D03113 Click to download

File Size   98.03 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 1-15mm Metric Bore Gauge 0.1mm Graduations

D03113 Datasheet (HTML) - Premier Farnell Limited.


D03113 Product details

Description
1-15mm Metric depth gauge, 150mm long made from stainless steel. Ideal for measuring deep bores etc.




Similar Part No. - D03113

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03110 DURATOOL-D03110 Datasheet
115Kb / 1P
Adjustable Wrench Set 6” & 8” Black Finish
21/07/17 V1.0
logo
Tyco Electronics
D03110-000 MACOM-D03110-000 Datasheet
107Kb / 1P
PolySwitch짰 PTC Devices
logo
Premier Farnell Limited...
D03112 DURATOOL-D03112 Datasheet
104Kb / 1P
Solid Steel Engineer Square
21/07/17 V1.0
D03114 DURATOOL-D03114 Datasheet
91Kb / 1P
Adjustable Torque Screwdriver
D03114. DURATOOL-D03114. Datasheet
91Kb / 1P
Adjustable Torque Screwdriver
More results


Similar Description - D03113

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTHA-MFS0-1215-QD RALSTON-QTHA-MFS0-1215-QD_19 Datasheet
592Kb / 1P
Connect a pressure gauge with Metric male parallel
QTHA-MFSA-1215-QD RALSTON-QTHA-MFSA-1215-QD_19 Datasheet
575Kb / 1P
Connect a pressure gauge with Metric male parallel thread
logo
SparkFun Electronics
ROB-12099 SPARKFUN-ROB-12099 Datasheet
97Kb / 1P
Clamping Hub - 1 Bore (Flat)
2/3/2016
ROB-12214 SPARKFUN-ROB-12214 Datasheet
95Kb / 1P
Clamping Hub - 1/2 Bore
2/3/2016
ROB-12238 SPARKFUN-ROB-12238 Datasheet
98Kb / 1P
Clamping Hub - 1/4 Bore
2/3/2016
ROB-12270 SPARKFUN-ROB-12270 Datasheet
92Kb / 1P
Channel Tube Clamp - 1 Bore
2/15/2016
ROB-12304 SPARKFUN-ROB-12304 Datasheet
93Kb / 1P
Clamping Hub - 1/8 Bore
2/3/2016
ROB-12414 SPARKFUN-ROB-12414 Datasheet
92Kb / 1P
Clamping Hub - 1 Bore (Threaded)
2/5/2016
ROB-12494 SPARKFUN-ROB-12494 Datasheet
90Kb / 1P
Set Screw Hub - 1/2 Bore
2/5/2016
logo
Murata Manufacturing Co...
GCD188R71H122KA01 MURATA1-GCD188R71H122KA01 Datasheet
557Kb / 4P
Length 1.6±0.1mm
10/24/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com